전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3543MX-H 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3543MX-H
상세설명  Triple Port USB Power Distribution Switch and Over-Current Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3543MX-H 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3543MX-H Datasheet HTML 4Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 5Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 6Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 7Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 8Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 9Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 10Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 11Page - National Semiconductor (TI) LM3543MX-H Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Information (Continued)
tantalum capacitor is recommended. The input supply
should be further bypassed with a 0.01 µF - 0.1 µF ceramic
capacitor, placed close to the device. The ceramic capacitor
reduces ringing on the supply that can occur when a short is
present at the output of a port.
Extending the Fault Flag Delay
While the 7 ms (typical) internal delay in reporting flag
conditions is adequate for most applications, the delay can
be extended by connecting external RC filters to the FLAG
pins, as shown in
Figure 5.
Power Dissipation and Junction Temperature
A few simple calculations will allow a designer to calculate
the approximate operating temperature of the LM3543 for a
given application. The large currents possible through the
low resistance power MOSFET combined with the high
thermal resistance of the SOIC package, in relation to power
packages, make this estimate an important design step.
Begin the estimate by determining R
ON at the expected
operating temperature using the graphs in the Typical
Performance Characteristics section of this datasheet. Next,
calculate the power dissipation through the switch with
Equation (1).
PD=R
ON * IDS
2
(1)
Note: Equation for power dissipation neglects portion that
comes from LM3543 quiescent current because this value
will almost always be insignificant.
Using this figure, determine the junction temperature with
Equation (2).
T
J =PD * θJA +TA.
(2)
Where:
θ
JA = SOIC Thermal Resistance: 130˚C/W and TA = Ambient
Temperature (˚C).
Compare the calculated temperature with the expected
temperature used to estimate R
ON. If they do not reasonably
match, re-estimate R
ON using a more appropriate operating
temperature and repeat the calculations. Reiterate as
necessary.
PCB Layout Considerations
In order to meet the USB requirements for voltage drop,
droop and EMI, each component used in this circuit must be
evaluated for its contribution to the circuit performance.
These principles are illustrated in
Figure 6. The following
PCB layout rules and guidelines are recommended
1.
Place the switch as close to the USB connector as
possible. Keep all V
bus traces as short as possible and
use at least 50-mil, 1 ounce copper for all V
bus traces.
Solder plating the traces will reduce the trace resistance.
2.
Avoid vias as much as possible. If vias are used, use
multiple vias in parallel and/or make them as large as
possible.
3.
Place the output capacitor and ferrite beads as close to
the USB connector as possible.
4.
If ferrite beads are used, use wires with minimum
resistance and large solder pads to minimize connection
resistance.
10125828
FIGURE 5. Typical Circuit for Lengthening the Internal
Flag Delay
10125827
FIGURE 6. Self-Powered Hub Connections and Per-Port Voltage Drop
www.national.com
10


유사한 부품 번호 - LM3543MX-H

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
National Semiconductor ...
LM3544M-H NSC-LM3544M-H Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
LM3544M-L NSC-LM3544M-L Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Texas Instruments
LM3544M-L/NOPB TI1-LM3544M-L/NOPB Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
More results

유사한 설명 - LM3543MX-H

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
   Quad Port USB Power Distribution Switch and Over-Current Protection
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
[Old version datasheet]   Single Port USB Power Switch and Over-Current Protection
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
   Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
   Dual Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
[Old version datasheet]   LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
   Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
   USB Dual-Port Power Switch and Current Monitor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com