전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7448040515 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7448040515
상세설명  WE-CMBNC Common Mode Power Line Choke Nanocrystalline
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448040515 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448040515 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448040515 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448040515 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448040515 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448040515 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448040515 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2015-02-16
2014-05-13
2014-04-02
2014-03-17
DATE
SSt
SSt
SSt
SSt
BY
HasA
SSt
HasA
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CMBNC Common Mode Power Line
Choke Nanocrystalline
Order.- No.
7448040515
SIZE
A4
Size: Type L
A Dimensions: [mm]
B Recommended hole pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
DC Resistance
Rated voltage
Insulation test voltage
Test conditions
10 kHz/ 0.1 mA
@ 70°C
@ 20°C
50 Hz
50 Hz/ 5 mA/ 2 sec.
L
IR
RDC
UR
UT
Value
2x 15.0
5.0
2x 38
250
1500
Unit
mH
A
V (AC)
V (AC)
Tol.
+50%/-30%
max.
max.
max.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
•Storage Temperature: -20°C to 60°C
•Operating Temperature: -40°C to 125°C
•Temperature Rise: < 55K
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7448040515

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7448040382 WURTH-7448040382 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040435 WURTH-7448040435 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040707 WURTH-7448040707 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
More results

유사한 설명 - 7448040515

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7448051012 WURTH-7448051012 Datasheet
905Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448030509 WURTH-7448030509 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448052502 WURTH-7448052502 Datasheet
887Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448060620 WURTH-7448060620 Datasheet
910Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448062105 WURTH-7448062105 Datasheet
922Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448042001 WURTH-7448042001 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448040707 WURTH-7448040707 Datasheet
1Mb / 6P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448052303 WURTH-7448052303 Datasheet
466Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448053201 WURTH-7448053201 Datasheet
898Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
7448060814 WURTH-7448060814 Datasheet
911Kb / 5P
   WE-CMBNC Common Mode Power Line Choke Nanocrystalline
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com