전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93-21UTC 데이터시트(PDF) 9 Page - Everlight Electronics Co., Ltd

부품명 93-21UTC
상세설명  High Performance SMD White LED with Reflector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21UTC 데이터시트(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 93-21UTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 93-21UTC Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
93-21UTC/S400-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 10
Device No. : DSE-931-102
prepared date: 26-Feb-2007
Prepared by: Ray Yuan
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30
or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30
or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5
for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
120 Sec. M ax.
1~5 °C / Sec.
Pre-heating
180~200°C
60 Sec. M ax.
A bove 220°C
260°C. M ax.
10 Sec. M ax.
1~5 °C / Sec.


유사한 부품 번호 - 93-21UTC

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UBC/C430/TR8 EVERLIGHT-93-21UBC/C430/TR8 Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYC EVERLIGHT-93-21UYC Datasheet
139Kb / 9P
   High Performance SMD LED with Reflector
93-21UYC/S530-XX/TR8 EVERLIGHT-93-21UYC/S530-XX/TR8 Datasheet
139Kb / 9P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
More results

유사한 설명 - 93-21UTC

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
B2C-AS1T2M EVERLIGHT-B2C-AS1T2M Datasheet
183Kb / 10P
   High Performance SMD White LED with Reflector
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com