전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM5532 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 RM5532
상세설명  High Performance Dual Low Noise Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM5532 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  RM5532 Datasheet HTML 1Page - Fairchild Semiconductor RM5532 Datasheet HTML 2Page - Fairchild Semiconductor RM5532 Datasheet HTML 3Page - Fairchild Semiconductor RM5532 Datasheet HTML 4Page - Fairchild Semiconductor RM5532 Datasheet HTML 5Page - Fairchild Semiconductor RM5532 Datasheet HTML 6Page - Fairchild Semiconductor RM5532 Datasheet HTML 7Page - Fairchild Semiconductor RM5532 Datasheet HTML 8Page - Fairchild Semiconductor RM5532 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RC5532/RC5532A
PRODUCT SPECIFICATION
2
Pin Assignments
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied.
2. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
3. Short circuit to ground on one amplifier only.
Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Supply Voltage
±22
V
Input Voltage
±VS
V
Differential Input Voltage
0.5
V
PDTA < 50
°C
PDIP
468
mW
CerDIP
833
SOIC
658
Junction Temperature
PDIP
125
°C
CerDIP, TO-99
175
Storage Temperature
-65
150
°C
Operating Temperature
RM5532/A
-55
125
°C
RC5532/A
0
70
Lead Soldering Temperature (10 sec)
300
°C
Parameter
Min.
Typ.
Max.
Units
qJC
Thermal resistance
CerDIP
45
°C/W
TO-99
50
qJA
Thermal resistance
PDIP
160
°C/W
CerDIP
150
TO-99
190
For TA > 50
°C Derate at
PDIP
6.25
mW/
°C
CerDIP
8.33
TO-99
5.26
1
2
3
4
5
6
7
8
65-5532-02
Output (A)
–Input (A)
+Input (A)
Output (B)
–Input (B)
+Input (B)
–VS
+VS
Output (A)
–Input (A)
+Input (A)
–VS
+VS
Output (B)
–Input (B)
+Input (B)
1
2
3
4
8
7
6
5
65-5532-03


유사한 부품 번호 - RM5532

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RM550X ETC1-RM550X Datasheet
5Mb / 82P
   HIGH PERFORMANCE ATX POWER SUPPLY
More results

유사한 설명 - RM5532

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com