전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW70 데이터시트(PDF) 5 Page - Yea Shin Technology Co., Ltd

부품명 BCW70
상세설명  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BCW70 데이터시트(HTML) 5 Page - Yea Shin Technology Co., Ltd

  BCW70 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BCW70 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BCW70 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BCW70 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BCW70 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BCW70 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BCW70 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
http://www.yeashin.com
5
REV.02 20120403
BCW70
DEVICE CHARACTERISTICS
TYPICAL DYNAMIC CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 10. Turn–On Time
I
C , COLLECTOR CURRENT (mA)
Figure 11. Turn–Off Time
I
C , COLLECTOR CURRENT (mA)
Figure 12. Current–Gain — Bandwidth Product
V
R , REVERSE VOLTAGE (VOLTS)
Figure 13. Capacitance
V
CC= 3.0 V
I
C /I B= 10
T J= 25°C
t
d @ V BE(off)= 0.5 V
t
r
V
CC= –3.0 V
I
C /I B= 10
I
B1=IB2
T J= 25°C
t
f
t
s
T
J = 25°C
5.0 V
C
ib
C
ob
T J= 25°C
500
300
200
100
70
50
30
20
10
7.0
5.0
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
1000
700
500
300
200
100
70
50
30
20
10
–1.0
–2.0 –3.0
–5.0 –7.0 –10
–20
–30
–50
–70 –100
500
300
200
100
70
50
0.5
0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
10.0
7.0
5.0
3.0
2.0
1.0
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
V
CE=20 V
t, TIME (ms)
Figure 14. Thermal Response
D = 0.5
0.02
0.05
0.1
0.2
0.01
SINGLE PULSE
DUTY CYCLE, D = t
1 / t 2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1 (SEE AN–569)
Z
θJA(t) = r(t) • RθJA
T
J(pk) – T A = P (pk) Z
θJA(t)
FIGURE 16
P
(pk)
t
2
t
1
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k
100k


유사한 부품 번호 - BCW70

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCW70 PHILIPS-BCW70 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 19
logo
Nexperia B.V. All right...
BCW70 NEXPERIA-BCW70 Datasheet
317Kb / 7P
   PNP general purpose transistors
2004 Feb 06
logo
STMicroelectronics
BCW70 STMICROELECTRONICS-BCW70 Datasheet
38Kb / 4P
   SMALL SIGNAL PNP TRANSISTORS
logo
Samsung semiconductor
BCW70 SAMSUNG-BCW70 Datasheet
29Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BCW70 KEC-BCW70 Datasheet
156Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

유사한 설명 - BCW70

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com