전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1816-0000-000N00P230H 데이터시트(PDF) 11 Page - Cree, Inc

부품명 CXA1816-0000-000N00P230H
상세설명  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00P230H 데이터시트(HTML) 11 Page - Cree, Inc

Back Button CXA1816-0000-000N00P230H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 11Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 12Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 13Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 14Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
11
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® CXa1816 LED
PErforMAnCE grouPs - ChroMAtiCity (t
J = 85 °C) - Continued
easyWhite Color temperatures – 4-Step
Code
CCt
x
y
65F
6500 K
0.3097
0.3196
0.3079
0.3297
0.3164
0.3382
0.3176
0.3275
57F
5700 K
0.3253
0.3325
0.3249
0.3439
0.3331
0.3514
0.3330
0.3393
50F
5000 K
0.3407
0.3459
0.3415
0.3586
0.3499
0.3654
0.3484
0.3521
40F
4000 K
0.3744
0.3685
0.3782
0.3837
0.3912
0.3917
0.3863
0.3758
35F
3500 K
0.3981
0.3800
0.4040
0.3966
0.4186
0.4037
0.4116
0.3865
30F
3000 K
0.4242
0.3919
0.4322
0.4096
0.4449
0.4141
0.4359
0.3960
27F
2700 K
0.4475
0.3994
0.4573
0.4178
0.4695
0.4207
0.4589
0.4021


유사한 부품 번호 - CXA1816-0000-000N00P230H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1816-0000-000N00P235F CREE-CXA1816-0000-000N00P235F Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P235H CREE-CXA1816-0000-000N00P235H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

유사한 설명 - CXA1816-0000-000N00P230H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com