전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SAR340Q 데이터시트(PDF) 4 Page - Rohm

부품명 2SAR340Q
상세설명  PNP -100mA -400V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SAR340Q 데이터시트(HTML) 4 Page - Rohm

  2SAR340Q Datasheet HTML 1Page - Rohm 2SAR340Q Datasheet HTML 2Page - Rohm 2SAR340Q Datasheet HTML 3Page - Rohm 2SAR340Q Datasheet HTML 4Page - Rohm 2SAR340Q Datasheet HTML 5Page - Rohm 2SAR340Q Datasheet HTML 6Page - Rohm 2SAR340Q Datasheet HTML 7Page - Rohm 2SAR340Q Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SAR340Q
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Collector-Emitter Saturation Voltage vs.
Collector Current(I)
Fig.6 Collector-Emitter Saturation Voltage vs.
Collector Current(II)
Fig.7 Base-Emitter Saturation Voltage vs.
Collector Current
Fig.8 Gain Bandwidth Product
    vs. Emitter Current
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
4/6
20150619 - Rev.001


유사한 부품 번호 - 2SAR340Q

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR340P ROHM-2SAR340P Datasheet
1Mb / 8P
   PNP -100mA -400V Middle Power Transistor
More results

유사한 설명 - 2SAR340Q

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR340P ROHM-2SAR340P Datasheet
1Mb / 8P
   PNP -100mA -400V Middle Power Transistor
2SCR346P ROHM-2SCR346P Datasheet
1Mb / 7P
   NPN 100mA 400V Middle Power Transistor
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR512R ROHM-2SAR512R Datasheet
1Mb / 10P
   PNP -2.0A -30V Middle Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
   PNP -5.0A -80V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR372P5 ROHM-2SAR372P5 Datasheet
1Mb / 10P
   PNP -0.7A -120V Middle Power Transistor
2SAR563F3 ROHM-2SAR563F3 Datasheet
1Mb / 9P
   PNP -6A -50V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com