전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SAR523M 데이터시트(PDF) 8 Page - Rohm

부품명 2SAR523M
상세설명  PNP -100mA -50V General Purpose Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SAR523M 데이터시트(HTML) 8 Page - Rohm

Back Button 2SAR523M Datasheet HTML 4Page - Rohm 2SAR523M Datasheet HTML 5Page - Rohm 2SAR523M Datasheet HTML 6Page - Rohm 2SAR523M Datasheet HTML 7Page - Rohm 2SAR523M Datasheet HTML 8Page - Rohm 2SAR523M Datasheet HTML 9Page - Rohm 2SAR523M Datasheet HTML 10Page - Rohm 2SAR523M Datasheet HTML 11Page - Rohm 2SAR523M Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SAR523M / 2SAR523EB / 2SAR523UB
     
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
8/8
20151204 - Rev.002


유사한 부품 번호 - 2SAR523M

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR523M ROHM-2SAR523M Datasheet
172Kb / 3P
   General purpose transistor(-50V,-0.1A)
More results

유사한 설명 - 2SAR523M

제조업체부품명데이터시트상세설명
logo
Rohm
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com