전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SCR562F3 데이터시트(PDF) 5 Page - Rohm

부품명 2SCR562F3
상세설명  NPN 6A 30V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SCR562F3 데이터시트(HTML) 5 Page - Rohm

  2SCR562F3 Datasheet HTML 1Page - Rohm 2SCR562F3 Datasheet HTML 2Page - Rohm 2SCR562F3 Datasheet HTML 3Page - Rohm 2SCR562F3 Datasheet HTML 4Page - Rohm 2SCR562F3 Datasheet HTML 5Page - Rohm 2SCR562F3 Datasheet HTML 6Page - Rohm 2SCR562F3 Datasheet HTML 7Page - Rohm 2SCR562F3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR562F3
lElectrical characteristic curves(Ta = 25°C)
10
100
1000
0.1
1
10
100
Ta=25ºC
f=1MHz
I
C=0A
C
ob
C
ib
0.01
0.1
1
10
0.1
1
10
100
Ta=25ºC
Single non repetitive pulse.
100ms
10ms
1ms
DC
Fig.9 Emitter input capacitance vs.
Emitter-Base Voltage
Collector output capacitance vs.
Collector-Base Voltage
COLLECTOR - BASE VOLTAGE : V
CB [V]
EMITTER - BASE VOLTAGE : V
EB [V]
Fig.10 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : V
CE [V]
5/6
2013.05 - Rev.A


유사한 부품 번호 - 2SCR562F3

제조업체부품명데이터시트상세설명
logo
Rohm
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
   NPN 6A 50V Middle Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
   NPN 4A 80V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
   NPN 2.5A 120V Middle Power Transistor
More results

유사한 설명 - 2SCR562F3

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR562F3 ROHM-2SAR562F3 Datasheet
365Kb / 8P
   PNP -6A -30V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
   NPN 6A 50V Middle Power Transistor
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
   Pch -30V -6A Middle Power MOSFET
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
   NPN 3.0A 30V Middle Power Transistor
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
   NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
RF4E060AJ ROHM-RF4E060AJ Datasheet
2Mb / 14P
   Nch 30V 6A Middle Power MOSFET
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
   NPN 5.0A 30V Middle Power Transistor
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
   NPN 5.0A 30V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
   NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com