전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-1393817-4 데이터시트(PDF) 5 Page - TE Connectivity Ltd

부품명 3-1393817-4
상세설명  Highly reliable multi purpose relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393817-4 데이터시트(HTML) 5 Page - TE Connectivity Ltd

  3-1393817-4 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393817-4 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393817-4 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393817-4 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393817-4 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
Cradle P Relay V23003 (Continued)
Product code
Version
Coil
Arrangement
Contacts
Enclosure
Part number
V23003-AXXXX, standard, size I
V23003-A0025-B104
Standard, size I
12VDC
2 form C (2 CO)
Single
Dust protected
1393817-4
V23003-A0025-C104
Standard, size I
12VDC
2 form C (2 CO)
Bifurcated
Dust protected
1393817-5
V23003-A0037-B104
Standard, size I
24VDC
2 form C (2 CO)
Single
Dust protected
1393817-7
V23003-A0037-B604
Standard, size I
24VDC
2 form C (2 CO)
Single
Dust protected
1393817-8
V23003-A0037-C104
Standard, size I
24VDC
2 form C (2 CO)
Bifurcated
Dust protected
1393817-9
V23003-A0044-B104
Standard, size I
60VDC
2 form C (2 CO)
Single
Dust protected
1-1393817-8
V23003-A0064-B104
Standard, size I
48VDC
2 form C (2 CO)
Single
Dust protected
2-1393817-0
V23003-A0064-B604
Standard, size I
48VDC
2 form C (2 CO)
Single
Dust protected
2-1393817-1
V23003-A0064-C104
5A size I
48VDC
2 form C (2 CO)
Single
Dust protected
2-1393817-2
V23003-AXXXX, 5A, size I
V23003-A0026-F106
5A size I
6VDC
1A+1B (1NO+1NC)
Single
Dust protected
1393817-6
V23003-A0037-F105
5A size I
24VDC
2 form A (2 NO)
Single
Dust protected
1-1393817-1
V23003-A0037-F106
5A size I
24VDC
1A+1B (1NO+1NC)
Single
Dust protected
1-1393817-2
V23003-BXXXX, standard, size II
V23003-B0025-B110
Standard, size II
12VDC
4 form C (4 CO)
Single
Dust protected
3-1393817-1
V23003-B0025-C110
Standard, size II
12VDC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393817-2
V23003-B0026-B110
Standard, size II
6VDC
4 form C (4 CO)
Single
Dust protected
3-1393817-4
V23003-B0026-C110
Standard, size II
6VDC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393817-5
V23003-B0037-B110
Standard, size II
24VDC
4 form C (4 CO)
Single
Dust protected
3-1393817-9
V23003-B0037-B610
Standard, size II
24VDC
4 form C (4 CO)
Single
Dust protected
4-1393817-0
V23003-B0037-C110
Standard, size II
24VDC
4 form C (4 CO)
Bifurcated
Dust protected
4-1393817-1
V23003-B0037-C410
Standard, size II
24VDC
4 form C (4 CO)
Bifurcated
Dust protected
4-1393817-4
V23003-B0044-B110
Standard, size II
60VDC
4 form C (4 CO)
Single
Dust protected
5-1393817-4
V23003-B0044-B610
Standard, size II
60VDC
4 form C (4 CO)
Single
Dust protected
1413004-1
V23003-B0044-B610
Standard, size II
60VDC
4 form C (4 CO)
Single
Dust protected
1-1419137-0
V23003-B0044-C110
Standard, size II
60VDC
4 form C (4 CO)
Bifurcated
Dust protected
5-1393817-6
V23003-B0064-B110
Standard, size II
48VDC
4 form C (4 CO)
Single
Dust protected
6-1393817-3
V23003-B0064-C110
Standard, size II
48VDC
4 form C (4 CO)
Bifurcated
Dust protected
6-1393817-4
V23003-BXXXX, 5A, size II
V23003-B0025-F104
5A size II
12VDC
2 form C (2 CO)
Single
Dust protected
3-1393817-3
V23003-B0026-F104
5A size II
6VDC
2 form C (2 CO)
Single
Dust protected
3-1393817-6
V23003-B0037-F104
5A size II
24VDC
2 form C (2 CO)
Single
Dust protected
4-1393817-5
V23003-B0044-F104
5A size II
60VDC
2 form C (2 CO)
Single
Dust protected
5-1393817-7
V23003-B0064-F104
5A size II
48VDC
2 form C (2 CO)
Single
Dust protected
6-1393817-5


유사한 부품 번호 - 3-1393817-4

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
3-1393817-4 TEC-3-1393817-4 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
More results

유사한 설명 - 3-1393817-4

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Amphenol Corporation
P562 AMPHENOL-P562 Datasheet
69Kb / 2P
   Highly reliable, silicon pressure sensor
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
TGD-3A TOPSTEK-TGD-3A Datasheet
99Kb / 2P
   Highly reliable Hall Effect device
THDD-5A TOPSTEK-THDD-5A Datasheet
92Kb / 2P
   Highly reliable Hall Effect device
THT-6A TOPSTEK-THT-6A Datasheet
90Kb / 2P
   Highly reliable Hall Effect device
TJC-25A TOPSTEK-TJC-25A Datasheet
162Kb / 2P
   Highly reliable Hall Effect device
THP-5A TOPSTEK-THP-5A Datasheet
102Kb / 2P
   Highly reliable Hall Effect device
logo
Panasonic Semiconductor
DR-L2-24V PANASONIC-DR-L2-24V Datasheet
458Kb / 3P
   HIGHLY RELIABLE MINIATURE DIP RELAYS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com