전자부품 데이터시트 검색엔진 |
|
CXA1304-0000-000F00B227F 데이터시트(PDF) 8 Page - Cree, Inc |
|
CXA1304-0000-000F00B227F 데이터시트(HTML) 8 Page - Cree, Inc |
8 / 30 page Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 8 XLamp® CXa1304 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 29). • Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i f = 200 mA, tJ = 85 °C) The following table provides order codes for XLamp CXA1304 LEDs. For a complete description of the order code nomenclature, please see the Bin and Order Code Formats section (page 26). nominal CCt Cri Minimum Luminous flux 2-step 3-step 4-step Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* group order Code group order Code group order Code 6500 K 70 75 B4 410 457 65F CXA1304-0000- 000F00B465F C2 440 490 CXA1304-0000- 000F00C265F C4 475 527 CXA1304-0000- 000F00C465F 80 --- B4 410 457 65F CXA1304-0000- 000F0HB465F C2 440 490 CXA1304-0000- 000F0HC265F C4 475 527 CXA1304-0000- 000F0HC465F 5700 K 70 75 C2 440 490 57F CXA1304-0000- 000F00C257F C4 475 527 CXA1304-0000- 000F00C457F 80 --- B4 410 457 57F CXA1304-0000- 000F0HB457F C2 440 490 CXA1304-0000- 000F0HC257F C4 475 527 CXA1304-0000- 000F0HC457F 5000 K 70 75 C2 440 490 50H CXA1304-0000- 000F00C250H 50F CXA1304-0000- 000F00C250F C4 475 527 CXA1304-0000- 000F00C450H CXA1304-0000- 000F00C450F 80 --- B4 410 457 50H CXA1304-0000- 000F0HB450H 50G 50F CXA1304-0000- 000F0HB450F C2 440 490 CXA1304-0000- 000F0HC250H CXA1304-0000- 000F0HC250G CXA1304-0000- 000F0HC250F C4 475 527 CXA1304-0000- 000F0HC450H CXA1304-0000- 000F0HC450G CXA1304-0000- 000F0HC450F 90 95 A2 330 366 50H CXA1304-0000- 000F0UA250H 50G CXA1304-0000- 000F0UA250G 50F CXA1304-0000- 000F0UA250F A4 355 396 CXA1304-0000- 000F0UA450H CXA1304-0000- 000F0UA450G CXA1304-0000- 000F0UA450F B2 380 423 CXA1304-0000- 000F0UB250H CXA1304-0000- 000F0UB250G CXA1304-0000- 000F0UB250F |
유사한 부품 번호 - CXA1304-0000-000F00B227F |
|
유사한 설명 - CXA1304-0000-000F00B227F |