전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4110-1 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 1N4110-1
상세설명  500 mW power handling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4110-1 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N4110-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4110-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4110-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4110-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Zener Diode Series
Rev. V2
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
1N4099-1 thru 1N4135-1 &
1N4614-1 thru 1N4627-1
JEDEC TYPE
No.
(Note1)
Normal
Zener Voltage
VZ @ IZT
Zener Test
Current
IZT
Maximum
Zener Impedance
ZZT
Maximum
Reverse Current
IR @ VR
Maximum
Noise Density
ND @ IZT
Maximum
Zener Current
IZM
Volts
A
Ohms
A
Volts
V / √Hz
mA
1N4099-1
6.8
250
200
10
5.17
40
56
1N4100-1
7.5
250
200
10
5.7
40
51
1N4101-1
8.2
250
200
1
6.24
40
46
1N4102-1
8.7
250
200
1
6.61
40
44
1N4103-1
9.1
250
200
1
6.92
40
42
1N4104-1
10
250
200
1
7.6
40
38
1N4105-1
11
250
200
0.05
8.44
40
35
1N4106-1
12
250
200
0.05
8.12
40
32
1N4107-1
13
250
200
0.05
9.857
40
29
1N4108-1
14
250
200
0.05
10.65
40
27
1N4109-1
15
250
100
0.05
11.4
40
25
1N4110-1
16
250
100
0.05
12.15
40
24
1N4111-1
17
250
100
0.05
12.92
40
22
1N4112-1
18
250
100
0.05
13.67
40
21
1N4113-1
19
250
150
0.05
14.44
40
20
1N4114-1
20
250
150
0.01
15.2
40
19
1N4115-1
22
250
150
0.01
16.72
40
17
1N4116-1
24
250
150
0.01
18.25
40
16
1N4117-1
25
250
150
0.01
19
40
15
1N4118-1
27
250
150
0.01
20.45
40
14
1N4119-1
29
250
200
0.01
21.28
40
14
1N4120-1
30
250
200
0.01
22.8
40
13
Features
 Available in JAN, JANTX, JANTXV and JANS per
MIL-PRF-19500/435
 Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively.
 500 mW power handling
 Hermetically sealed axial-leaded glass DO-35
package.
 Also available in DO-213 MELF style package.
Electrical Specifications: TA = +25°C (unless otherwise specified)
(Continued next page)


유사한 부품 번호 - 1N4110-1

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4110-1 CDI-DIODE-1N4110-1 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Sensitron
1N4110-1 SENSITRON-1N4110-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4110-1-UR-1 SENSITRON-1N4110-1-UR-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
More results

유사한 설명 - 1N4110-1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
   DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
   DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
   DECT 500 mW power amplifier
1999 Jul 21
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Micro Commercial Compon...
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
   500 mW Zener Diode
MMTZJ39 MCC-MMTZJ39 Datasheet
306Kb / 5P
   500 mW Zener Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com