전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4117UR-1 데이터시트(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

부품명 1N4117UR-1
상세설명  Low Noise Zener Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4117UR-1 데이터시트(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  1N4117UR-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4117UR-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4117UR-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4117UR-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Noise Zener Diode Series
Rev. V1
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
1N4099UR-1 thru 1N4135UR-1 &
1N4614UR-1 thru 1N4627UR-1
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


유사한 부품 번호 - 1N4117UR-1

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4117UR-1 MICROSEMI-1N4117UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4117UR-1 MICROSEMI-1N4117UR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4117UR-1 MICROSEMI-1N4117UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

유사한 설명 - 1N4117UR-1

제조업체부품명데이터시트상세설명
logo
Seme LAB
1N4620D2A SEME-LAB-1N4620D2A Datasheet
185Kb / 3P
   LOW NOISE ZENER DIODE
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Renesas Technology Corp
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com