전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3421S 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 2N3421S
상세설명  NPN Medium Power Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3421S 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N3421S Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3421S Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3421S Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N3421S Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Medium Power Silicon Transistor
Rev. V1
2N3418(S) - 2N3421(S) Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Available in JAN, JANTX, JANTXV, JANS and
JANSR 100K rads(Si) per MIL-PRF-19500/393
 TO-5 & TO-39 (TO-205AD) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 50 mAdc
2N3418, S, 2N3420, S
2N3419, S, 2N3421, S
V(BR)CEO Vdc
60
80
Collector - Emitter Cutoff Current
VCE = 80 Vdc, VBE = -0.5 Vdc
2N3418, S, 2N3420, S
VCE = 120 Vdc, VBE = -0.5 Vdc
2N3419, S, 2N3421, S
ICEX
µAdc
0.3
0.3
Collector - Emitter Cutoff Current
VCE = 45
2N3418, S, 2N3420, S
VCE = 60
2N3419, S, 2N3421, S
ICEO
µAdc
5.0
5.0
Emitter - Base Cutoff Current
VEB = 6 Vdc, IC = 0
VEB = 8 Vdc, IC = 0
IEBO
µAdc
0.5
10.0
On Characteristics1
Forward Current Transfer Ratio
IC = 100 mAdc, VCE = 2 Vdc
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
IC = 1 Adc, VCE = 2 Vd
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
IC = 2 Adc, VCE = 2 Vdc
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
IC = 5 Adc, VCE = 5 Vdc
2N3418, S, 2N3419, S
2N3420, S, 2N3421, S
HFE
-
20
40
20
40
15
30
10
15
60
120
Base - Emitter Voltage
IC = 1 Adc, IB = 0.1 Adc
IC = 2 Adc, IB = 0.2 Adc
VBE(SAT) Vdc
0.6
0.7
1.2
1.4
Collector - Emitter Saturation Voltage
IC = 1 Adc, IB = 0.1 Adc
IC = 2 Adc, IB = 0.2 Adc
VCE(SAT) Vdc
0.25
0.50


유사한 부품 번호 - 2N3421S

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N3421S MICROSEMI-2N3421S Datasheet
342Kb / 6P
   NPN MEDIUM POWER SILICON TRANSISTOR
2N3421S MICROSEMI-2N3421S Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
2N3421SJAN MICROSEMI-2N3421SJAN Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
2N3421SJANTX MICROSEMI-2N3421SJANTX Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
2N3421SJANTXV MICROSEMI-2N3421SJANTXV Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
More results

유사한 설명 - 2N3421S

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com