전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1577 데이터시트(PDF) 5 Page - Rohm

부품명 2SA1577
상세설명  Medium Power Transistor (-32V, -500mA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SA1577 데이터시트(HTML) 5 Page - Rohm

  2SA1577_15 Datasheet HTML 1Page - Rohm 2SA1577_15 Datasheet HTML 2Page - Rohm 2SA1577_15 Datasheet HTML 3Page - Rohm 2SA1577_15 Datasheet HTML 4Page - Rohm 2SA1577_15 Datasheet HTML 5Page - Rohm 2SA1577_15 Datasheet HTML 6Page - Rohm 2SA1577_15 Datasheet HTML 7Page - Rohm 2SA1577_15 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SA1577
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.9 Collector output capacitance vs.
    collector-base voltage.
    Emitter input capacitance vs.
    emitter-base voltage
Fig.10 Safe Operating Area
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
5/6
20150730 - Rev.002


유사한 부품 번호 - 2SA1577_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SA1577 KEXIN-2SA1577_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

유사한 설명 - 2SA1577_15

제조업체부품명데이터시트상세설명
logo
Rohm
2SA1036K ROHM-2SA1036K_15 Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
   Medium Power Transistor (-32V, -1A)
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
   Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
   Medium Power Transistor (32V, 1A)
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com