전자부품 데이터시트 검색엔진 |
|
SI3033C 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SI3033C 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 7 page 36 Parameter Input Voltage Output Voltage Dropout Voltage Line Regulation Load Regulation Temperature Coefficient of Output Voltage Ripple Rejection Quiescent Circuit Current Overcurrent Protection Starting Current*4,6 Control Voltage (Output ON) Control Voltage (Output OFF) Control Current (Output ON) Control Current (Output OFF) Symbol VIN VO Conditions VDIF Conditions Conditions ∆VOLINE Conditions ∆VOLOAD Conditions ∆VO/∆Ta Conditions RREJ Conditions Iq Conditions IS1 Conditions VC. IH VC. IL IC. IH Conditions IC. IL Conditions IElectrical Characteristics *1: "A" may be indicated to the right of the Sanken logo. *2: VIN(max) and IO(max) are restricted by the relation PD(max)=(VIN-VO)•IO=18(W). *3: Refer to the dropout voltage.(Refer to Setting DC Input Voltage on page 7.) *4: IS1 is specified at –5(%) drop point of output voltage VO on the condition that VIN=VO+3V, IO=1A. *5: Output is ON even when output control terminal VC is open. Each input level is equivalent to LS-TTL. Therefore, it may be directly driven by an LS-TTL circuit. *6: A foldback type overcurrent protection circuit is built into the IC regulator (excluding SI-3033C). Therefore, avoid using it for the following applica- tions as it may cause starting errors: (1) Constant current load (2) Plus/minus power (3) Series power (4) VO adjustment by raising ground voltage Unit V V V mV mV mV/ °C dB mA A V µA mA SI-3000C *1 SI-3000CA Ratings SI-3033C SI-3050C SI-3090C min. typ. max. min. typ. max. min. typ. max. *3 15*2 6*3 30*2 10*3 30*2 3.168 3.300 3.432 4.80 5.00 5.20 8.64 9.00 9.36 3.234 3.300 3.366 4.90 5.00 5.10 8.82 9.00 9.18 VIN=5V, IO=1.0A VIN=8V, IO=1.0A VIN=12V, IO=1.0A 0.5 0.5 0.5 IO ≤1.0A 1.0 1.0 1.0 IO ≤1.5A 10 30 10 30 18 48 VIN=4.5 to 12V, IO=1.0A VIN=6 to 15V, IO=1.0A VIN=10 to 20V, IO=1.0A 40 100 40 100 70 180 VIN=5V, IO=0 to 1.5A VIN=8V, IO=0 to 1.5A VIN=12V, IO=0 to 1.5A ±0.5 ±0.5 ±1.0 VIN=5V, IO=5mA, Tj=0 to 100 °CVIN=8V, IO=5mA, Tj=0 to 100°CVIN=12V, IO=5mA, Tj=0 to 100°C 54 54 54 VIN=5V, f=100 to 120HZ VIN=8V, f=100 to 120HZ VIN=12V, f=100 to 120HZ 310 5 10 510 VIN=5V, IO=0A VIN=8V, IO=0A VIN=12V, IO=0A 1.6 1.6 1.6 VIN=5V VIN=8V VIN=12V 2.0 2.0 2.0 0.8 0.8 0.8 20 20 20 VC=2.7V –0.3 –0.3 –0.3 VC=0.4V (Ta=25 °C unless otherwise specified) GSI-3000C Series VC Terminal*5 |
유사한 부품 번호 - SI3033C |
|
유사한 설명 - SI3033C |