전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12033AD 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MC12033AD
상세설명  MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12033AD 데이터시트(HTML) 2 Page - Motorola, Inc

  MC12033AD Datasheet HTML 1Page - Motorola, Inc MC12033AD Datasheet HTML 2Page - Motorola, Inc MC12033AD Datasheet HTML 3Page - Motorola, Inc MC12033AD Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC12033A MC12033B
2
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.0 V; TA = –40 to 85°C, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.5
2.4
2.0
GHz
Supply Current Output (Pin 2)
VCC = 2.7 V
VCC = 5.0 V
ICC
10.0
13.0
12.5
16.0
mA
Modulus Control Input HIGH (MC)
VIH1
2.0
VCC
V
Modulus Control Input LOW (MC)
VIL1
Gnd
0.8
V
Divide Ratio Control Input HIGH (SW)
VIH2
VCC
VCC
VCC
V
Divide Ratio Control Input LOW (SW)
VIL2
OPEN
OPEN
OPEN
Output Voltage Swing (Note 1)
CL = 8.0 pF; RL = 600 Ω
VOUT
0.8
1.2
Vpp
Modulus Setup Time MC to OUT @ 2000 MHz
tset
8.0
10
ns
Input Voltage Sensitivity
500–2000 MHz
VIN
100
1000
mVpp
Output Current (Note 2) VCC = 2.7V, CL = 8.0 pF, RL = 600 Ω
VCC = 5.0 V, CL = 8.0 pF, RL = 1.5 kΩ
IO
2.4
2.4
4.0
4.0
mA
NOTES: 1. Valid over voltage range 2.7 to 5.0 V; RL = 600 Ω @ VCC = 2.7 V; RL = 1.5 kΩ @ VCC = 5.0 V
2. Divide ratio of
÷32/33 @ 2.0 GHz
A
H
G
F
E
D
In
MC
In
SW
Out
Q
S
Q
C
QB
D
Q
C
QB
D
QB
C
Q
D
C
QB
D
QB
C
Q
D
QB
C
Q
D
B
QB
C
Q
D
C
QB
C
Q
D
M
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release
Figure 1. Logic Diagram (MC12033A)
Figure 2. Modulus Setup Time
Figure 3. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 8.0 pF (Including Scope
and jig capacitance)
RL = 600 Ω @ VCC = 2.7 V
RL = 1.5 kΩ @ VCC = 5.0 V
CL
MC Input
C2
C1
C3
VCC = 2.7 to 5.0 V
50
Sine Wave Generator
SW
VCC
OUT
Gnd
MC
IN
IN
RL


유사한 부품 번호 - MC12033AD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC1203 MOTOROLA-MC1203 Datasheet
192Kb / 4P
   6-INPUT GATES
MC120348BP MOTOROLA-MC120348BP Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12034AD MOTOROLA-MC12034AD Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12034AP MOTOROLA-MC12034AP Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
More results

유사한 설명 - MC12033AD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com