전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA2-5SNUN-L 데이터시트(PDF) 7 Page - Kemet Corporation

부품명 UA2-5SNUN-L
상세설명  Electronic switching systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

UA2-5SNUN-L 데이터시트(HTML) 7 Page - Kemet Corporation

Back Button UA2-5SNUN-L Datasheet HTML 3Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 4Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 5Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 6Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 7Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 8Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 9Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 10Page - Kemet Corporation UA2-5SNUN-L Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Contact Specifications
*1
This value is a reference value in the resistance load. Minimum capacity changes depending on the switching frequency, environment temperature, and load.
*2
Rise time: 10 µs; decay time to half crest: 160 µs.
*3
Rise time: 2 µs; decay time to half crest: 10 µs.
*4
This shows the number of operations with fatal defects. Stable characteristics are maintained for 1 x 107 operations.
Coil Specifications
Non-latch Type (@ 20°C)
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Operating Voltage1
(VDC)
Release Voltage1
(VDC)
Nominal Operating
Power (mW)
3
64.3
2.25
0.3
140
4.5
145
3.38
0.45
140
5
178
3.75
0.5
140
12
1028
9.0
1.2
140
24
2504
18.0
2.4
230
1
Test by pulse voltage.
Item
UA2/UB2
Contact Form
2 Form C
Contact Material
Silver alloy with gold alloy overlay
Contact Ratings
Maximum Switching Power
30 W, 37.5 VA
Maximum Switching Voltage
220 VDC, 250 VAC
Maximum Switching Current
1 A
Maximum Carrying Current
1 A
Minimum Contact Ratings
10 mVDC, 10 µA*1
Initial Contact Resistance
100mΩmaximum(initial)
Operating Time (excluding bounce)
Approximately 2 milliseconds
Release Time (excluding bounce)
Approximately 1 milliseconds
Insulation Resistance
1,000MΩ@500VDC
Withstand Voltage
Between Open Contacts
1,000 VAC (for one minute), 1,500 V surge (10 x 160 µs)*2
Between Adjacent Contacts
1,000 VAC (for one minute), 1,500 V surge (10 x 160 µs)*2
Between Coil and Contacts
1,500 VAC (for one minute), 2,500 V surge (2 x 10 µs)*3
Shock Resistance
735 m/s2 (75 G) – misoperation
980 m/s2 (100 G) – destructive failure
Vibration Resistance
10 to 55 Hz, double amplitude 3 mm (20 G) – misoperation
10 to 55 Hz, double amplitude 5 mm (30 G) – destructive failure
Ambient Temperature
-40 to +85°C
Coil Temperature Rise
18°C at nominal coil voltage (140 mW)
RunningSpecifications
Non-load
5 x 107 operations (Non-latch type)*4
1 x 107 operations (Latch type)
Load
30 VDC 1 A (resistive), 1 x 105operations@20°C,1Hz
125 VAC 0.3 A (resistive), 1 x 105operations@20°C,1Hz
Weight
Approximately 1 g


유사한 부품 번호 - UA2-5SNUN-L

제조업체부품명데이터시트상세설명
logo
NEC
UA2 NEC-UA2 Datasheet
926Kb / 7P
   Miniature Relays
UA2 NEC-UA2 Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
List of Unclassifed Man...
UA208 ETC2-UA208 Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
UA208A ETC2-UA208A Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UA2311 UTC-UA2311 Datasheet
90Kb / 5P
   16 BITS DIGITAL to ANALOG CONVERTER
More results

유사한 설명 - UA2-5SNUN-L

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com