전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM50x 데이터시트(PDF) 9 Page - Texas Instruments

부품명 DM50x
상세설명  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM50x 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DM50x Datasheet HTML 5Page - Texas Instruments DM50x Datasheet HTML 6Page - Texas Instruments DM50x Datasheet HTML 7Page - Texas Instruments DM50x Datasheet HTML 8Page - Texas Instruments DM50x Datasheet HTML 9Page - Texas Instruments DM50x Datasheet HTML 10Page - Texas Instruments DM50x Datasheet HTML 11Page - Texas Instruments DM50x Datasheet HTML 12Page - Texas Instruments DM50x Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 286 page
background image
9
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary mode; this means that when MUXMODE=0 is set, the function
mapped on the pin corresponds to the name of the pin. The primary muxmode is not necessarily
the default muxmode.
NOTE
The default mode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
5. TYPE: Signal type and direction:
I = Input
O = Output
IO = Input or Output
D = Open drain
DS = Differential Signaling
A = Analog
PWR = Power
GND = Ground
CAP = LDO Capacitor
6. BALL RESET STATE: The state of the terminal at power-on reset:
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
7. BALL RESET REL. STATE: The state of the terminal at the deactivation of the rstoutn signal (also
mapped to the PRCM SYS_WARM_OUT_RST signal).
drive 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
drive clk (OFF): The buffer drives a toggling clock (pulldown or pullup resistor not activated).
drive 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
OFF: High-impedance
PD: High-impedance with an active pulldown resistor
PU: High-impedance with an active pullup resistor
NOTE
For more information on the CORE_PWRON_RET_RST reset signal and its reset sources,
see the Power, Reset, and Clock Management / Reset Management Functional Description
section of the Device TRM.
8. BALL RESET REL. MUXMODE: This muxmode is automatically configured at the release of the
rstoutn signal (also mapped to the PRCM SYS_WARM_OUT_RST signal).
9. IO VOLTAGE VALUE: This column describes the IO voltage value (the corresponding power supply).
10. POWER: The voltage supply that powers the terminal IO buffers.
11. HYS: Indicates if the input buffer is with hysteresis:
Yes: With hysteresis
No: Without hysteresis
An empty box means "Yes".


유사한 부품 번호 - DM50x

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM50x TI1-DM50x Datasheet
2Mb / 211P
[Old version datasheet]   SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
More results

유사한 설명 - DM50x

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DM505 TI1-DM505_17 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM504 TI1-DM504 Datasheet
2Mb / 211P
[Old version datasheet]   SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com