전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPR910YVA 데이터시트(PDF) 1 Page - Texas Instruments

부품명 DLPR910YVA
상세설명  Configuration PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910YVA 데이터시트(HTML) 1 Page - Texas Instruments

  DLPR910YVA Datasheet HTML 1Page - Texas Instruments DLPR910YVA Datasheet HTML 2Page - Texas Instruments DLPR910YVA Datasheet HTML 3Page - Texas Instruments DLPR910YVA Datasheet HTML 4Page - Texas Instruments DLPR910YVA Datasheet HTML 5Page - Texas Instruments DLPR910YVA Datasheet HTML 6Page - Texas Instruments DLPR910YVA Datasheet HTML 7Page - Texas Instruments DLPR910YVA Datasheet HTML 8Page - Texas Instruments DLPR910YVA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LVDS Interface
DLPC910
LVD Interface
RESET Signals
SCP Interface
Power Management
OSC
50 MHz
CTRL_RSTZ
JTAG(3:0)
DLPR910
PGM(4:0)
Illumination
Driver
Illumination
Sensor
I2C
Row and Block Signals
Control Signals
Status Signals
VLED0
VLED1
DLP9000X
DLP6500
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPR910
DLPS065B – SEPTEMBER 2015 – REVISED NOVEMBER 2016
DLPR910 Configuration PROM
1
1 Features
1
Pre-Programmed Xilinx® PROM Configures the
DLPC910ZYR
Data Transfer Up to 33 Mbps
I/O Pins Compatible With 1.8 V to 3.3 V
1.8-V Core Supply Voltage
–40°C to 85°C Operating Temperature Range
2 Applications
Lithography
Direct Imaging
Flat Panel Display
Printed Circuit Board Manufacturing
Industrial
3D Printing
3D Scanners for Machine Vision
Quality Control
Displays
3D Imaging
Intelligent and Adaptive Lighting
Augmented Reality and Information Overlay
3 Description
The DLPR910 device is a programmed PROM used
for properly configuring the DLPC910, which supports
reliable operation of the DLP9000X digital micromirror
device (DMD) and the DLP6500 family of DMDs. The
DLPR910 configuration enables the DLPC910 to
operate the DMDs at a pixel data rate greater than 61
Gigabits per second (Gbps) for the DLP9000X and up
to 24 Gbps for the DLP6500 family, with the option
for random row addressing and Load4 capabilities.
The DLPR910 device is part of a multiple component
chipset in the DLP® Advanced Light Control portfolio.
A dedicated chipset provides developers easier
access
to
the
DMD
as
well
as
high
speed,
independent micromirror control.
The DLPC910 configuration program is only available
within the DLPR910. The DLPR910 requires that it be
used in conjunction with the DLPC910 and the
DLP9000X DMD or the DLP6500 family of DMDs for
reliable function and operation of the chipset.
For complete electrical and mechanical specifications
of
the
DLPR910,
see
the
XCF16P
product
specification at www.xilinx.com.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPR910
DSBGA (48)
8.00 mm × 9.00 mm ×
1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Figure 1. Typical Application Diagram


유사한 부품 번호 - DLPR910YVA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPR910YVA TI1-DLPR910YVA Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
More results

유사한 설명 - DLPR910YVA

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
[Old version datasheet]   Configuration PROM
DLPR410 TI-DLPR410_V01 Datasheet
906Kb / 21P
[Old version datasheet]   DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPR100 TI1-DLPR100 Datasheet
234Kb / 15P
[Old version datasheet]   DLP짰 Configuration PROM for DLPC100
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
   Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512 Datasheet
2Mb / 4P
   Bipolar Prom
HL0512 LANSDALE-HL0512_08 Datasheet
2Mb / 4P
   Bipolar Prom
logo
Xicor Inc.
X2804A XICOR-X2804A Datasheet
212Kb / 8P
   ELECTRICALLY ERASBLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com