전자부품 데이터시트 검색엔진 |
|
TPL12900 데이터시트(PDF) 1 Page - CSB Battery Co., Ltd. |
|
TPL12900 데이터시트(HTML) 1 Page - CSB Battery Co., Ltd. |
|
1 / 1 page Maintenance-Free Sealed Lead Acid Battery. Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%. 【Design Life】 【 Float Charging Voltage】 Up to 12 Years in Standby Service at 25℃ 13.5 ~ 13.8 VDC/Unit at 25℃ (77℉) Eurobat (20℃) : 10-12 years, Long Life 【 Equalization Charging Voltage 】 【 Operating Temperature Range】 14.4 ~ 15.0 VDC/Unit at 25℃ (77℉) 【 Self Discharge】 Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉); Fully recharging is required before usage, and charged sooner if stored Storage: -15℃ ~ 40℃ (5℉~104℉) at higher temperature than 25℃ (77℉). Design according with IEC 60896-21/22:2004 Nominal Capacity 2216A 27A Terminal hardware Torque 138.6 Kgf-cm / 120.3 Lbf-in / 13.58 N-m Flame Retardant ABS (UL 94-V0) Length (L) 511.6±2.5 mm 20.16±0.10 inch Width (W) 110.0±1.5 mm 4.44±0.06 inch Overall Height (H) 255.5±2.5 mm 10.11±0.10 inch F.V/Time 15MIN 30MIN 60MIN 90MIN 2HR 3HR 4HR 5HR 6HR 8HR 10HR 20HR 1.67V 167 106 62.2 45.1 36.1 26.6 21.4 17.8 15.2 11.7 9.56 5.01 1.70V 159 102 60.4 44.4 35.7 26.3 21.2 17.5 15.0 11.5 9.45 4.95 1.75V 143 96.2 57.8 43.3 35.2 25.6 20.5 16.9 14.4 11.3 9.23 4.84 1.80V 127 88.4 54.7 41.7 34.2 24.8 19.6 16.2 14.0 10.9 9.00 4.73 1.83V 117 83.0 52.6 40.5 33.2 23.9 18.9 15.9 13.6 10.6 8.77 4.61 1.85V 110 79.5 50.6 39.0 32.5 23.3 18.4 15.5 13.3 10.4 8.55 4.50 F.V/Time 15MIN 30MIN 60MIN 90MIN 2HR 3HR 4HR 5HR 6HR 8HR 10HR 20HR 1.67V 1772 1145 681 497 401 298 241 201 172 132 108 56.8 1.70V 1700 1117 673 494 397 294 240 200 170 131 107 56.6 1.75V 1556 1057 649 482 389 285 235 194 166 130 106 56.1 1.80V 1397 982 623 468 378 277 228 191 164 127 105 55.5 1.83V 1300 932 603 456 369 272 222 187 161 124 102 54.6 1.85V 1239 900 586 443 362 267 218 183 158 123 101 53.5 Please refer to the official site for the lastest rating confirmation. URL: www.csb-battery.com Issued: 161101 Tel: +31(0)180-418-140 Tel: +886-2-2880-5600 Fax: +31(0)180-418-327 Fax: +866-2-2888-3300 Tel: +86-10-5820-5336, 5820-5338 Fax: +86-10-5820-3053 90AH @8HR-rate to 1.75V per PCS @25℃ (77℉) TPL series TPL 12900 12V 90AH Valve Regulated Lead Acid Battery Design for Standby Power Applications Nominal Operating Temperature : 25℃(77℉) Discharge : -15℃ ~ 50℃ (5℉~122℉) Charge: -15℃ ~ 40℃ (5℉~104℉) Specification Nominal Voltage 12V (6 cells per unit) Weight Approx. 36.30 Kg (80.01 lbs) Maximum Discharge Current 800A (5sec) Internal Resistance Approx. 3.80 mΩ Short Circuit Current Maximum Charge Current Terminal types I2 thread lead alloy terminal to accept M6 bolt Container Material Constant Current Discharge Characteristics Unit: A (25℃, 77℉) Constant Power Discharge Characteristics Unit: W (25℃, 77℉) Recognized under UL 1989, and certified by ISO 9001, 14001. Sales Offices Dimensions (mm/inch) BEIJING OFFICE (CHINA) Tel: +86-755-8831-6488, 8831-6775 Tel: +86-21-5046-1622, 5046-0833 BUSINESS HEADQUARTERS Tel: +886-2-2880-5600 Fax: +866-2-2888-3300 USA OFFICE EUROPE (EMEA) OFFICE TAIPEI OFFICE Fax: +86-755-8831-6075 Fax: +86-21-5046-1046 Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872) Fax: +1-817-244-4445 SHENZHEN OFFICE (CHINA) SHANGHAI OFFICE (CHINA) |
유사한 부품 번호 - TPL12900_17 |
|
유사한 설명 - TPL12900_17 |