전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS548B22 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS548B22
상세설명  1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS548B22 데이터시트(HTML) 5 Page - Texas Instruments

  TPS548B22 Datasheet HTML 1Page - Texas Instruments TPS548B22 Datasheet HTML 2Page - Texas Instruments TPS548B22 Datasheet HTML 3Page - Texas Instruments TPS548B22 Datasheet HTML 4Page - Texas Instruments TPS548B22 Datasheet HTML 5Page - Texas Instruments TPS548B22 Datasheet HTML 6Page - Texas Instruments TPS548B22 Datasheet HTML 7Page - Texas Instruments TPS548B22 Datasheet HTML 8Page - Texas Instruments TPS548B22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
TPS548B22
www.ti.com
SLUSCE4 – JANUARY 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltage range
PVIN with no snubber circuit:
SW ringing peak voltage equals 23 V at 25 A output
1.5
14
V
PVIN with snubber circuit:
SW ringing peak voltage equals 23 V at 25 A output
1.5
18
VDD
4.5
22
BOOT
–0.1
24.5
BOOT to SW
DC
–0.1
6.5
< 10 ns
–0.1
7
NU
–0.1
5.5
EN_UVLO, VOSNS, MODE, FSEL, ILIM
–0.1
5.5
RSP, RESV_TRK, VSEL
–0.1
3.3
RSN
–0.1
0.1
PGND, AGND, DRGND
–0.1
0.1
SW
DC
–0.1
18
< 10 ns
–5
27
Output voltage range
PGOOD, BP
–0.1
7
V
Junction temperature range, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS548B22
UNIT
RVF (QFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
28.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.3
°C/W
RθJB
Junction-to-board thermal resistance
3.6
°C/W
ψJT
Junction-to-top characterization parameter
0.96
°C/W
ψJB
Junction-to-board characterization parameter
3.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W


유사한 부품 번호 - TPS548B22

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS548B27 TI-TPS548B27 Datasheet
3Mb / 46P
[Old version datasheet]   TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548B27RYLR TI-TPS548B27RYLR Datasheet
3Mb / 46P
[Old version datasheet]   TPS548B27 2.7-V to 16-V Input, 20-A Synchronous Buck Converter with Remote Sense, 3-V Internal LDO, and Hiccup Current Limit
TPS548B28 TI-TPS548B28 Datasheet
3Mb / 49P
[Old version datasheet]   TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
TPS548B28RWWR TI-TPS548B28RWWR Datasheet
3Mb / 49P
[Old version datasheet]   TPS548B28 2.7-V to 16-V Input, 20-A Synchronous Buck Converter With Remote Sense, 3-V Internal LDO and Hiccup Current Limit
More results

유사한 설명 - TPS548B22

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS53515 TI1-TPS53515 Datasheet
1Mb / 33P
[Old version datasheet]   1.5 to 18 V (4.5 to 25 V bias) Input, 12-A Single Synchronous Step-Down SWIFT Converter
TPS53515 TI-TPS53515_15 Datasheet
5Mb / 39P
[Old version datasheet]   TPS53515 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 12-A Single Synchronous Step-Down SWIFT??Converter
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com