전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA12-T 데이터시트(PDF) 7 Page - XP Power Limited

부품명 CA12-T
상세설명  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA12-T 데이터시트(HTML) 7 Page - XP Power Limited

  CA12-T Datasheet HTML 1Page - XP Power Limited CA12-T Datasheet HTML 2Page - XP Power Limited CA12-T Datasheet HTML 3Page - XP Power Limited CA12-T Datasheet HTML 4Page - XP Power Limited CA12-T Datasheet HTML 5Page - XP Power Limited CA12-T Datasheet HTML 6Page - XP Power Limited CA12-T Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4745K01
PAGE 7
WWW.XPPOWER.COM
1. Onboard Potentiometer: connect pins 7 to 4 and 8 to 3, turn
potentiometer to adjust high voltage.
2. Remote Potentiometer: connect wiper arm to pin 3, other sides
to pins 4 and 2.
3. Remote Analog Signal: apply programming voltage to pin 3,
return to pin 2.
PRODUCT DESCRIPTION
PRODUCT DESCRIPTION
PROGRAMMING OPTIONS / INSTRUCTIONS
15S SUB-MIN 'D'
RECEPTACLE
AMP # 747909-2
1.80
(45.72)
MTG HARDWARE
SUPPLIED
SOLDER
CUP SIDE
1
15
9
8
15P SUB MIN-D
PLUG (MALE)
AMP # 747841-4
.05 (1.27)
THICK
.50
(12.7)
3.83 (97.28)
.90 (22.86)
1.33
(33.78)
SHV
MATING
CONNECTOR
5.00 (127.00)
.82 (20.83)
2.33
(59.18)
ADJUST
GAIN
2.200 (55.88)
ANODIZED
ALUMINUM
MOUNTING PLATE
#4-40 MTG HOLE
4 PLACES
.25 (5.84)
1.300
(33.02)
SHV
CONNECTOR
OUTPUT
9
1
8 15
1.13
(28.70)
HIGH
VOLTAGE
These adapters provide convenient proto-typing and evaluation during
system development and integration, and allow these modules to be
mounted to a chassis instead of designed in to a pc board.
Extra filtering on the input and output improves performance. A schott-
ky diode on the input provides reverse polarity protection. Input con-
nector is via a 15P SUB MIN-D plug (mate supplied) and output is via
an SHV style coaxial connector (mate supplied).
ORDERING INFORMATION:
Please note when ordering a CM2 the CA-T Series is not included and
must be ordered separately.
CA-T SERIES - ACCESSORY
CM2 (SHV): ALL CA MODELS


유사한 부품 번호 - CA12-T

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CA12 MACOM-CA12 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CA12 MA-COM-CA12 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
CA12 MA-COM-CA12 Datasheet
649Kb / 3P
   Cascadable Amplifier 10 to 1000 MHz
logo
XP Power Limited
CA12 XPPOWER-CA12 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Cree, Inc
CA12000 CREE-CA12000 Datasheet
939Kb / 14P
   Emily series
More results

유사한 설명 - CA12-T

제조업체부품명데이터시트상세설명
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com