전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC37C67X 데이터시트(PDF) 10 Page - SMSC Corporation

부품명 FDC37C67X
상세설명  ENHANCED SUPER I/O CONTROLLER WITH FAST IR
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C67X 데이터시트(HTML) 10 Page - SMSC Corporation

Back Button FDC37C67X Datasheet HTML 6Page - SMSC Corporation FDC37C67X Datasheet HTML 7Page - SMSC Corporation FDC37C67X Datasheet HTML 8Page - SMSC Corporation FDC37C67X Datasheet HTML 9Page - SMSC Corporation FDC37C67X Datasheet HTML 10Page - SMSC Corporation FDC37C67X Datasheet HTML 11Page - SMSC Corporation FDC37C67X Datasheet HTML 12Page - SMSC Corporation FDC37C67X Datasheet HTML 13Page - SMSC Corporation FDC37C67X Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 194 page
background image
10
DESCRIPTION OF MULTIFUNCTION PINS
PIN
NO./QFP
ORIGINAL
FUNCTION
ALTERNATE
FUNCTION 1
ALTERNATE
FUNCTION 2
DEFAULT
NOTE
2
DRVDEN1
IR MODE
IRRX3
DRVDEN1
1
32
PCICLK
IRQ4
PCICLK
2
33
SERIRQ
IRQ3
SERIRQ
2
51
nDACK3
8042 P16
nDACK3
3
52
DRQ3
8042 P12
DRQ3
3
92
nRI2
8042 P16
IRQ12
nRI2
4
94
nDCD2
8042 P12
IRQ11
nDCD2
4
95
RXD2
IRRX
RXD2
5
96
TXD2
IRTX
TXD2
5
97
nDSR2
SA15
IRQ10
nDSR2
6
98
nRTS2
SA12
IRQ5
nRTS2
6
99
nCTS2
SA13
IRQ6
nCTS2
6
100
nDTR2
SA14
IRQ7
nDTR2
6
Note 1:
Controlled by IRMODSEL(LD8:CRC0.0) and IRRX3SEL(LD8:CRC0.4)
Note 2:
Controlled by SERIRQSEL(LD8:CRC0.2)
Note 3:
Controlled by DMA3SEL(LD8:CRC0.1)
Note 4:
Controlled by 8042COMSEL(LD8:CRC0.3) and SERIRQSEL(LD8:CRC0.2)
Note 5:
Controlled by IR Option Register( LD5:CRF1.6)
Note 6:
Controlled by 16 bit Address Qual.(CR24.6) and SERIRQSEL(LD8:CRC0.2)
For more information, refer to tables 65 through 75.


유사한 부품 번호 - FDC37C67X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
More results

유사한 설명 - FDC37C67X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com