전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAQY210TL 데이터시트(PDF) 6 Page - COSMO Electronics Corporation

부품명 KAQY210TL
상세설명  4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY210TL 데이터시트(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQY210TL Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY210TL Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00004.5
- 6 -
http://www.cosmo-ic.com
cosmo
KAQY210 Series
4PIN 350V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 .7
1 .5
1 .3
1 .1
0 .9
1 .9
5 0 m A
3 0 m A
2 0 m A
1 0 m A
5 m A
1
2
3
4
5
-5
-4
-3
-2
-1
-2 0
-4 0
-6 0
-8 0
-1 0 0
-1 2 0
1 2 0
1 0 0
8 0
6 0
4 0
2 0
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9 Turn-on Time
vs. LED Forward Current
Fig.10
Off-state Leakage Current
vs. Load Voltage
0
0 .2
0 .4
0 .6
0 .8
1 .0
1 0
2 0
3 0
4 0
5 0
0
6 0
2 0
4 0
6 0
8 0
1 0 0
0
1 0
-1 2
1 0
1 0
1 0
-9
-6
-3
LED Forward Current (mA)
Load Voltage (V)
Fig.11 Turn-off Time
vs. LED Forward Current
Fig.12
Output Capacitance
vs. Applied Voltage
0
0.1
0.2
0.3
0.4
0.5
10
20
30
40
50
0
60
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
LED Forward Current (mA)
Applied Voltage (V)


유사한 부품 번호 - KAQY210TL

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY210 COSMO-KAQY210 Datasheet
403Kb / 2P
   HIGH VOLTAGE STATE RELAY MOSFET OUTPUT
KAQY210A COSMO-KAQY210A Datasheet
403Kb / 2P
   HIGH VOLTAGE STATE RELAY MOSFET OUTPUT
logo
DB Lectro Inc
KAQY210AB DBLECTRO-KAQY210AB Datasheet
131Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQY210A COSMO-KAQY210A_11 Datasheet
162Kb / 7P
   PRODUCT SPECIFICATION
logo
DB Lectro Inc
KAQY210B DBLECTRO-KAQY210B Datasheet
131Kb / 2P
   High Voltage, Photo Mos Relay
More results

유사한 설명 - KAQY210TL

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY212 COSMO-KAQY212_15 Datasheet
264Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com