전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAQY212ATRU 데이터시트(PDF) 11 Page - COSMO Electronics Corporation

부품명 KAQY212ATRU
상세설명  4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY212ATRU 데이터시트(HTML) 11 Page - COSMO Electronics Corporation

Back Button KAQY212ATRU Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 10Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 11Page - COSMO  Electronics Corporation KAQY212ATRU Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00001.5
- 11 -
http://www.cosmo-ic.com
cosmo
KAQY212 Series
4PIN 60V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 4-pin SOP Carrier Tape & Reel
0.30
4.0
2.0
12.00
2.4±0.3
7.6±0.4
1.5
16.4
2.0
Direction of feed from reel
TL
Direction of feed from reel
TR
TOLERANCE
±0.2mm
Unit
mm


유사한 부품 번호 - KAQY212ATRU

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY212A COSMO-KAQY212A Datasheet
418Kb / 2P
   HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
KAQY212A COSMO-KAQY212A Datasheet
163Kb / 7P
   PRODUCT SPECIFICATION
More results

유사한 설명 - KAQY212ATRU

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com