전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC37B772 데이터시트(PDF) 6 Page - SMSC Corporation

부품명 FDC37B772
상세설명  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B772 데이터시트(HTML) 6 Page - SMSC Corporation

Back Button FDC37B772 Datasheet HTML 2Page - SMSC Corporation FDC37B772 Datasheet HTML 3Page - SMSC Corporation FDC37B772 Datasheet HTML 4Page - SMSC Corporation FDC37B772 Datasheet HTML 5Page - SMSC Corporation FDC37B772 Datasheet HTML 6Page - SMSC Corporation FDC37B772 Datasheet HTML 7Page - SMSC Corporation FDC37B772 Datasheet HTML 8Page - SMSC Corporation FDC37B772 Datasheet HTML 9Page - SMSC Corporation FDC37B772 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 196 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
PROCESSOR/HOST INTERFACE (36)
37:40,
42:45
System Data Bus
8
SD[0:7]
IO12
20:30
11-bit System Address Bus
11
SA[0:10]
I
31
Chip Select/SA11 (Note 1)
1
nCS/SA11
I
36
Address Enable
1
AEN
I
55
I/O Channel Ready
1
IOCHRDY
OD12
46
ISA Reset Drive
1
RESET_DRV
IS
33
Serial IRQ
1
SER_IRQ
IO12
32
PCI Clock for Serial IRQ (33MHz/30MHz)
1
PCI_CLK
ICLK
50
DMA Request 1
1
DRQ1
O12
48
DMA Request 2
1
DRQ2
O12
52
DMA Request 3/8042 P12
1
DRQ3/P12
O12/IO12
47
DMA Acknowledge 1
1
nDACK1
I
49
DMA Acknowledge 2
1
nDACK2
I
51
DMA Acknowledge 3/8042 P16
1
nDACK3/
P16
I/IO12
54
Terminal Count
1
TC
I
34
I/O Read
1
nIOR
I
35
I/O Write
1
nIOW
I
4
Power Management Event
1
nPME
OD24
6
32.768 Trickle Clock Input
1
CLOCK132
ICLK
CLOCKS (1)
19
14.318MHz Clock Input
1
CLOCKI
ICLK
INFRARED INTERFACE (2)
61
Infrared Rx
1
IRRX
I
62
Infrared Tx (Note 4), (Note 5)
1
IRTX
O24PD
POWER PINS (8)
53,65,
93
Power
VCC
7,41,
60,76
Ground
VSS
18
Trickle Voltage
VTR


유사한 부품 번호 - FDC37B772

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

유사한 설명 - FDC37B772

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com