전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KAQY414STL 데이터시트(PDF) 11 Page - COSMO Electronics Corporation

부품명 KAQY414STL
상세설명  4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COSMO [COSMO Electronics Corporation]
홈페이지  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY414STL 데이터시트(HTML) 11 Page - COSMO Electronics Corporation

Back Button KAQY414STL Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 10Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 11Page - COSMO  Electronics Corporation KAQY414STL Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M01002.5
- 11 -
http://www.cosmo-ic.com
cosmo
KAQY414 Series
4PIN 400V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 4-pin SOP Carrier Tape & Reel
0.30
4.0
2.0
12.00
2.4±0.3
7.6±0.4
1.5
16.4
2.0
Direction of feed from reel
TL
Direction of feed from reel
TR
TOLERANCE
±0.2mm
Unit
mm


유사한 부품 번호 - KAQY414STL

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY414S COSMO-KAQY414S Datasheet
396Kb / 2P
   HIGH VOLTAGE SOLID STATE RELAY-MOSEFET OUTPUT
More results

유사한 설명 - KAQY414STL

제조업체부품명데이터시트상세설명
logo
COSMO Electronics Corp...
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412 Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com