전자부품 데이터시트 검색엔진 |
|
KAQY414ATR 데이터시트(PDF) 3 Page - COSMO Electronics Corporation |
|
KAQY414ATR 데이터시트(HTML) 3 Page - COSMO Electronics Corporation |
3 / 12 page Cosmo Electronics Corp. Document No. 69M01002.5 - 3 - http://www.cosmo-ic.com cosmo KAQY414 Series 4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT Absolute Maximum Ratings (Ta=25℃) Item Symbol Rating Unit Input Continuous forward current IF 50 mA Peak forward current IFP 1 A Reverse voltage VR 5 V Power dissipation Pin 100 mW Derate linearly from 25℃ - 1.3 mW/℃ Output Breakdown voltage VB 400 V Continuous load current IL 130 mA Power dissipation Pout 500 mW Isolation voltage Viso KAQY414S KAQY414 1500Vrms 5000Vrms Isolation resistance (Vio=500V) Riso ≧10 10 Ω Total power dissipation Pt 550 mW Derate linearly from 25℃ - 2.5 mW/℃ Operating temperature Topr -40 to +85 ℃ Storage temperature Tstg -40 to +125 ℃ Junction temperature Tj 100 ℃ Soldering temperature 10 seconds Tsot 260 ℃ Electro-optical Characteristics (Ta=25℃) Parameter Symbol Conditions Min. Typ. Max. Unit Input Forward voltage VF IF=10mA - 1.2 1.5 V Operation input current IFOFF VL=20V, IL≦5μA - - 3.0 mA Recovery input current IFON VL=20V, IL=100mA 0.2 - - mA Output Breakdown voltage VB IB=50μA, IF=10mA 400 - - V Off-state leakage current ILEAK VL=100V, IF=5mA - 1.0 2.0 μA I/O capacitance Ciso VB=0V, f=1MHz - 6 - pF ON resistance RON IF=0mA, IL=100mA - 25 50 Ω Reverse (ON) time TON IF=10mA, VL=20V IL=100mA, t=10ms - 0.6 1.5 ms Operate (OFF) time TOFF - 0.3 1.0 ms Turn-on / Turn-off Time Output Input OFF T TON 90% 10% |
유사한 부품 번호 - KAQY414ATR |
|
유사한 설명 - KAQY414ATR |