전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1882-RCM 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1882-RCM
상세설명  Programmable Video Sync Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1882-RCM 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1882-RCM Datasheet HTML 2Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 3Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 4Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 5Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 6Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 7Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 8Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 9Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Addressing Logic (Continued)
LOAD will load the first byte of data. Auto Incrementing is
disabled on the falling edge of LOAD after ADDRDATA and
LHBYTE goes low.
Manual Addressing Mode
Cycle #
Load Falling Edge
Load Rising Edge
1
Enable Manual Addressing
Load Address m
2
Enable Lbyte Data Load
Load Lbyte m
3
Enable Hbyte Data Load
Load Hbyte m
4
Enable Manual Addressing
Load Address n
5
Enable Lbyte Data Load
Load Lbyte n
6
Enable Hbyte Data Load
Load Hbyte n
Auto Addressing Mode
Cycle #
Load Falling Edge
Load Rising Edge
1
Enable Auto Addressing
Load Start Address n
2
Enable Lbyte Data Load
Load Lbyte (n)
3
Enable Hbyte Data Load
Load Hbyte (n); Inc Counter
4
Enable Lbyte Data Load
Load Lbyte (n+1)
5
Enable Hbyte Data Load
Load Hbyte (n+1); Inc Counter
6
Enable Manual Addressing
Load Address
ADDRDEC LOGIC
The ADDRDEC logic decodes the current address and gen-
erates the enable signal for the appropriate register. The en-
able values for the registers and counters change on the fall-
ing edge of LOAD. Two types of ADDRDEC logic is enabled
by 2 pair of addresses, Addresses 22 or 54 (Vectored Re-
start logic) and Addresses 23 or 55 (Vectored Clear logic).
Loading these addresses will enable the appropriate logic
and put the part into either a Restart (all counter registers are
reinitialized with preprogrammed data) or Clear (all registers
are cleared to zero) state. Reloading the same ADDRDEC
address will not cause any change in the state of the part.
The outputs during these states are frozen and the internal
CLOCK is disabled. Clocking the part during a Vectored Re-
start or Vectored Clear state will have no effect on the part.
To resume operation in the new state, or disable the Vec-
tored
Restart
or
Vectored
Clear
state,
another
non-ADDRDEC address must be loaded. Operation will be-
gin in the new state on the rising edge of the non-ADDRDEC
load pulse. It is recommended that an unused address be
loaded following an ADDRDEC operation to prevent data
registers from accidentally being corrupted. The following
Addresses are used by the device.
Address 0
Status Register REG0
Address 1–18Data Registers REG1–REG18
DS100232-7
DS100232-8
www.national.com
6


유사한 부품 번호 - LM1882-RCM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1882-RCM NSC-LM1882-RCM Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results

유사한 설명 - LM1882-RCM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
   Sync Generator for TV Applications and Video Processing Systems
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
NXP Semiconductors
SAA1101 PHILIPS-SAA1101 Datasheet
112Kb / 18P
   Universal sync generator USG
January 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com