전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTV4045-04 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 MTV4045-04
상세설명  Silicon Abrupt Tuning Varactor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MTV4045-04 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MTV4045-04 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MTV4045-04 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MTV4045-04 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MTV4045-04 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MTV4045-04 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MTV4045-04 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Silicon Abrupt Tuning Varactor Diodes
Rev. V1
MTV4045-x Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Series Resistance
 High Q Factor
 Extensive Selection of Capacitance Values
 RoHS* Compliant
Description
The MTV4045 series are available with typical
capacitance at reverse voltage of 4 V from 0.4 pF up
to 22 pF. These silicon varactor diodes offer very
high quality factor for low series resistance, very low
leakage current and wide tuning range.
These
diodes
are
passivated
with
a
high-reliability
passivation for low leakage current and high
reliability. The devices are available as unpackaged
chips or in several package styles.
These rugged devices are capable of reliable
operation in all military, commercial and industrial
applications.
Ideally suited for voltage controlled
oscillators and filters and analog voltage controlled
phase shifters.
The MTV4045 family of silicon abrupt tuning
varactors are capable of meeting the environmental
requirements of MIL-STD-750 and MIL-STD-883.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TC = +25°C
CS37
H20
CS11
CS75
CS85
Part Number
Reverse Voltage
VB
IR = 10 µA
Junction Capacitance1
CJ
VR = 4 V, 1 MHz
Capacitance Ratio
CR
CT0 / CT45
Quality Factor
Q
VR = 4 V, 50 MHz
Minimum
Typical
Minimum
Minimum
MTV4045-01
45
0.4
7
3000
MTV4045-02
45
0.6
7
3000
MTV4045-03
45
0.8
7
2800
MTV4045-04
45
1.0
7
2800
MTV4045-05
45
1.2
7
2600
MTV4045-06
45
1.4
7
2400
MTV4045-07
45
1.6
7
2400
MTV4045-08
45
1.8
7
2300
MTV4045-09
45
2.2
7
2200
MTV4045-10
45
2.7
7
2200
(Continued next page)


유사한 부품 번호 - MTV4045-04

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MTV4030-01 MA-COM-MTV4030-01 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-02 MA-COM-MTV4030-02 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-03 MA-COM-MTV4030-03 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-04 MA-COM-MTV4030-04 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4030-05 MA-COM-MTV4030-05 Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
More results

유사한 설명 - MTV4045-04

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
MTV4030-X MA-COM-MTV4030-X Datasheet
576Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
MTV4090-X MA-COM-MTV4090-X Datasheet
571Kb / 5P
   Silicon Abrupt Tuning Varactor Diodes
SMV14XX MA-COM-SMV14XX Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
MTV4060-X MA-COM-MTV4060-X Datasheet
684Kb / 6P
   Silicon Abrupt Tuning Varactor Diodes
logo
Advanced Semiconductor
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
   SILICON ABRUPT JUNCTION TUNING VARACTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com