전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC520A 데이터시트(PDF) 14 Page - Analog Devices

부품명 HMC520A
상세설명  Radio frequency (RF) range: 6 GHz to 10 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC520A 데이터시트(HTML) 14 Page - Analog Devices

Back Button HMC520A Datasheet HTML 10Page - Analog Devices HMC520A Datasheet HTML 11Page - Analog Devices HMC520A Datasheet HTML 12Page - Analog Devices HMC520A Datasheet HTML 13Page - Analog Devices HMC520A Datasheet HTML 14Page - Analog Devices HMC520A Datasheet HTML 15Page - Analog Devices HMC520A Datasheet HTML 16Page - Analog Devices HMC520A Datasheet HTML 17Page - Analog Devices HMC520A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
HMC520A
Data Sheet
Rev. 0 | Page 14 of 28
DOWNCONVERTER PERFORMANCE: IF = 3500 MHz, LOWER SIDEBAND (HIGH-SIDE LO)
Data taken as an image reject mixer with external 90° hybrid at the IF ports, LO = 15 dBm, unless otherwise noted.
0
–20
–15
–10
–5
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 44. Conversion Gain vs. RF Frequency at Various Temperatures
50
0
20
10
30
40
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 45. Image Rejection vs. RF Frequency at Various Temperatures
30
25
0
10
5
15
20
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 46. Input IP3 vs. RF Frequency at Various Temperatures
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
0
–20
–15
–10
–5
Figure 47. Conversion Gain vs. RF Frequency at Various LO Powers, TA = 25°C
50
0
20
10
30
40
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
Figure 48. Image Rejection vs. RF Frequency at Various LO Powers,
TA = 25°C
30
25
0
10
5
15
20
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
Figure 49. Input IP3 vs. RF Frequency at Various LO Powers,
TA = 25°C


유사한 부품 번호 - HMC520A

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
   Military Radar and ECM
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

유사한 설명 - HMC520A

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
   0.7 GHz to 6 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
   6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com