전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HMC520ALC4 데이터시트(PDF) 3 Page - Analog Devices

부품명 HMC520ALC4
부품 상세설명  Radio frequency (RF) range: 6 GHz to 10 GHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4 데이터시트(HTML) 3 Page - Analog Devices

  HMC520ALC4 Datasheet HTML 1Page - Analog Devices HMC520ALC4 Datasheet HTML 2Page - Analog Devices HMC520ALC4 Datasheet HTML 3Page - Analog Devices HMC520ALC4 Datasheet HTML 4Page - Analog Devices HMC520ALC4 Datasheet HTML 5Page - Analog Devices HMC520ALC4 Datasheet HTML 6Page - Analog Devices HMC520ALC4 Datasheet HTML 7Page - Analog Devices HMC520ALC4 Datasheet HTML 8Page - Analog Devices HMC520ALC4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
HMC520A
Rev. 0 | Page 3 of 28
SPECIFICATIONS
LO = 15 dBm, IF = 100 MHz, RF = −10 dBm, TA = 25°C, unless otherwise noted. All measurements were made as a downconverter with
the lower sideband selected (high-side LO) and an external 90° IF hybrid at the IF ports, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF RANGE
6
10
GHz
LO INPUT FREQUENCY RANGE
6
10
GHz
IF FREQUENCY RANGE
DC
3.5
GHz
LO AMPLITUDE
15
dBm
6 GHz to 10 GHz PERFORMANCE
Conversion Loss
8
10
dB
Noise Figure
8.5
dB
Input Third-Order Intercept (IP3)
19
dBm
Input Power for 1dB Compression (P1dB)
10.5
dBm
Image Rejection
19
23
dBc
LO to RF Isolation
Taken without external 90° IF hybrid
38
43
dB
LO to IF Isolation
Taken without external 90° IF hybrid
25
dB
Phase Balance
Taken without external 90° IF hybrid
5
Degree
Amplitude Balance
Taken without external 90° IF hybrid
0.3
dB
7.1 GHz to 8.5 GHz PERFORMANCE
Conversion Loss
7.7
9.5
dB
Noise Figure
8
dB
Input Third-Order Intercept (IP3)
19
dBm
Input Power for 1dB Compression (P1dB)
10
dBm
Image Rejection
21
25
dBc
LO to RF Isolation
Taken without external 90° IF hybrid
38
43
dB
LO to IF Isolation
Taken without external 90° IF hybrid
25
dB
Phase Balance
Taken without external 90° IF hybrid
4
Degree
Amplitude Balance
Taken without external 90° IF hybrid
0.3
dB


유사한 부품 번호 - HMC520ALC4

제조업체부품명데이터시트부품 상세설명
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
Micross Components
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
   Military Radar and ECM
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

유사한 설명 - HMC520ALC4

제조업체부품명데이터시트부품 상세설명
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
   0.7 GHz to 6 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
TriQuint Semiconductor
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
   6 to 18-GHz Frequency Range
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz