전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3180-060 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HCPL-3180-060
상세설명  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3180-060 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-3180-060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3180-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Insulation and Safety Related Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
HCPL-3180
Units
Conditions
Minimum External Air Gap (Clearance)
L(101)
7.1
mm
Measured from input terminals to output terminals, shortest
distance through air.
Minimum External Tracking (Creepage)
L(102)
7.4
mm
Measured from input terminals to output terminals, shortest
distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance conductor to conductor, usually
the straight line distance thickness between the emitter and
detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Parameter
Symbol
Min
Max
Units
Note
Storage Temperature
TS
-55
+125
°C
Junction Temperature
Tj
-40
+125
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current (<1s pulse width, 300 pps)
IF(TRAN)
1.0
A
Reverse Input Voltage
VR
5V
"High" Peak Output Current
IOH(PEAK)
2.5
A
2
"Low" Peak Output Current
IOL(PEAK)
2.5
A
2
Supply Voltage
VCC - VEE
-0.5
25
V
Output Voltage
VO(PEAK)
0VCC
V
Output Power Dissipation
PO
250
mW
3
Total Power Dissipation
PT
295
mW
4
Lead Solder Temperature
+260 °C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Parameter
Symbol
Min
Max
Units
Note
Power Supply
VCC - VEE
10
20
V
Input Current (ON)
IF(ON)
10
16
mA
Input Voltage (OFF)
VF(OFF)
- 3.0
0.8
V
Operating Temperature
TA
- 40
100
°C


유사한 부품 번호 - HCPL-3180-060

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results

유사한 설명 - HCPL-3180-060

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
   IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3190 AVAGO-ACNW3190 Datasheet
1,004Kb / 16P
   5.0 Amp High Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com