전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD45-E2GA102M-VKA 데이터시트(PDF) 1 Page - TDK Electronics

부품명 CD45-E2GA102M-VKA
상세설명  Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

CD45-E2GA102M-VKA 데이터시트(HTML) 1 Page - TDK Electronics

  CD45-E2GA102M-VKA Datasheet HTML 1Page - TDK Electronics CD45-E2GA102M-VKA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
1 of 2
Creation Date : January 23, 2017 (GMT)
CD45-E2GA102M-VKA
Applications
Commercial Grade
Feature
Mid
Mid Voltage (100 to 630V)
Safety
Safety Standard Approved
Halogen-free
Halogen-free
Series
CD45
Status
Production
Size
Diameter(D)
7.00mm Max.
Thickness(T)
6.00mm Max.
Lead Gap(F)
10.00mm ±1.00mm
Lead Diameter(d)
0.60mm ±0.05mm
Electrical Characteristics
Capacitance
1nF ±20%
Rated Voltage
400VAC
Withstanding Voltage
4kVAC
Temperature Characteristic
E(+20,-55%)
Dissipation Factor (Max.)
2.5%
Insulation Resistance (Min.)
10000MΩ
Other
Soldering Method
Flow
Iron Soldering
Lead Length / Package Type
Taping
AEC-Q200
No
Package Quantity
1000pcs
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


유사한 부품 번호 - CD45-E2GA102M-VKA

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CD45-E2GA102M-GKA TDK-CD45-E2GA102M-GKA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-E2GA102M-NKA TDK-CD45-E2GA102M-NKA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

유사한 설명 - CD45-E2GA102M-VKA

제조업체부품명데이터시트상세설명
logo
TDK Electronics
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAGRA TDK-CK45-R3AD151KAGRA Datasheet
124Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD221KAVRA TDK-CK45-R3AD221KAVRA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD471KAGRA TDK-CK45-R3AD471KAGRA Datasheet
126Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD101KYNNA TDK-CK45-B3AD101KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD151KYNNA TDK-CK45-B3AD151KYNNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD221KYVNA TDK-CK45-B3AD221KYVNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-B3AD332KYVNA TDK-CK45-B3AD332KYVNA Datasheet
89Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com