전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA7995M 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA7995M
상세설명  Charge Pump Type DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7995M 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA7995M Datasheet HTML 1Page - Sanyo Semicon Device LA7995M Datasheet HTML 2Page - Sanyo Semicon Device LA7995M Datasheet HTML 3Page - Sanyo Semicon Device LA7995M Datasheet HTML 4Page - Sanyo Semicon Device LA7995M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
71598RM(KI) No. 5920-1/5
LA7995M
Charge Pump Type DC-DC Converter
Monolithic Linear IC
Overview
This DC-DC converter IC supplies 30V from a VCC of
5V. Possible applications include use as a power
supply for tuner circuitry on a PC video board.
Conventional DC-DC converters utilize the
counterelectromotive force in a coil to step up the
voltage. This method suffers from high-frequency
noise caused by sharp pulses. The so-called charge
pump principle adopted in the LA7995M chip results in
much lower noise and also has the advantage of using
only capacitors, reducing the cost for peripheral
components.
Specifications
Maximum Ratings at Ta = 25
°C
Package Dimensions
unit:mm
3111-MFP14S
1
14
7
8
8.0
0.15
1.0 1.0
0.35
SANYO Electric Co., Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
[LA7955M]
SANYO:MFP14S
Ratings
Unit
Symbol
Parameter
Maximum supply voltage
Allowable power dissipation
Operating temperature
Storage temperature
7
380
–10 to +65
–55 to +150
V
mW
°C
°C
V
CCmax
Pd max
Ta
≦ 65
°C*
Topr
Tstg
Conditions
Note: *Includes substrate (phenol) 144.3 x 76.1 x 1.6 mm
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability
,such as life-support systems,aircraft’
s
control systems
,or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed
,even momentarily,rated values (such as maximum ratings,operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Ordering number : EN5920A


유사한 부품 번호 - LA7995M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LA7990 ETC-LA7990 Datasheet
113Kb / 3P
   LA7990
More results

유사한 설명 - LA7995M

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com