전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744760256A 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744760256A
상세설명  WE-RFI Ferrite SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744760256A 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744760256A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744760256A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.0
2.0
REV
2014-04-10
2007-01-17
DATE
SSt
SKle
BY
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-RFI Ferrite SMD Inductor
Order.- No.
744760256A
SIZE
A4
Size: 0805A
A Dimensions: [mm]
B Recommended land pattern: [mm]
D Electrical Properties:
Properties
Inductance
Q-factor
DC Resistance
Rated current
Self resonant frequency
Test conditions
25.2 MHz
100 MHz
@ 20°C
∆T = 15 K
L
Q
RDC
IR
fres
Value
0.56
45
1.10
450
340
Unit
µH
Ω
mA
MHz
Tol.
±5%
min.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 85°C
under worst case operating conditions.
•Ambient temperature: -40°C to +70°C (refering to IR)
•Operating temperature: -40°C to +85°C
•Storage temperature (on tape & reel): -10°C to +40°C; 30 to 70% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744760256A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447602560A WURTH-7447602560A Datasheet
490Kb / 6P
   WE-KI SMT Wire Wound Ceramic Inductor
002.000
744760256C WURTH-744760256C Datasheet
958Kb / 5P
   WE-KI SMD Wire Wound Ceramic Inductor
More results

유사한 설명 - 744760256A

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744760356A WURTH-744760356A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762382A WURTH-744762382A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762315A WURTH-744762315A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762327A WURTH-744762327A Datasheet
860Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762410A WURTH-744762410A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
3.1 2014-09-15
744760312A WURTH-744760312A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744762368A WURTH-744762368A Datasheet
861Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760247A WURTH-744760247A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760382A WURTH-744760382A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760268A WURTH-744760268A Datasheet
864Kb / 5P
   WE-RFI Ferrite SMD Inductor
744760322A WURTH-744760322A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com