전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI510-11 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI510-11
상세설명  2 to 4 week lead times
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI510-11 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI510-11 Datasheet HTML 4Page - Silicon Laboratories SI510-11 Datasheet HTML 5Page - Silicon Laboratories SI510-11 Datasheet HTML 6Page - Silicon Laboratories SI510-11 Datasheet HTML 7Page - Silicon Laboratories SI510-11 Datasheet HTML 8Page - Silicon Laboratories SI510-11 Datasheet HTML 9Page - Silicon Laboratories SI510-11 Datasheet HTML 10Page - Silicon Laboratories SI510-11 Datasheet HTML 11Page - Silicon Laboratories SI510-11 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Si510/511
8
Rev. 1.2
Table 5. Output Clock Jitter and Phase Noise (LVDS)
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = LVDS
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Period Jitter
(RMS)
JPRMS
10k samples1
——
2.1
ps
Period Jitter
(Pk-Pk)
JPPKPK
10k samples1
——
18
ps
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth2 (brickwall)
—0.25
0.55
ps
12 kHz to 20 MHz integration band-
width2 (brickwall)
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN100 Hz
–86
dBc/Hz
1 kHz
–109
dBc/Hz
10 kHz
–116
dBc/Hz
100 kHz
–123
dBc/Hz
1 MHz
–136
dBc/Hz
Spurious
SPR
LVPECL output, 156.25 MHz,
offset>10 kHz
—–75
dBc
Notes:
1.
Applies to output frequencies: 74.17582, 74.25, 75, 77.76, 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25,
212.5, 250 MHz.
2.
Applies to output frequencies: 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25, 212.5 and 250 MHz.


유사한 부품 번호 - SI510-11

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI510 SILABS-SI510 Datasheet
234Kb / 26P
   CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Si5100 SILABS-Si5100 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
SI5100-EVB SILABS-SI5100-EVB Datasheet
3Mb / 48P
   Evaluation Board Set for Si5100 and Si5110 OC-48/STM-16 SONET/SDH TRANSCEIVERS
More results

유사한 설명 - SI510-11

제조업체부품명데이터시트상세설명
logo
QUARTZCOM the communica...
MCO-1S-P QUARTZCOM-MCO-1S-P Datasheet
123Kb / 1P
   Programmable SMD Clock Oscillator HCMOS / TTL Short lead times for samples: < 1 week max.
logo
XFMRS Inc.
3010 XFMRS-3010_15 Datasheet
32Kb / 2P
   SHORT LEAD TIMES
logo
Nuvoton Technology Corp...
NCT3941S NUVOTON-NCT3941S Datasheet
519Kb / 19P
   4 Times Linear Fan Driver
logo
QUARTZCOM the communica...
MCO-6S-P QUARTZCOM-MCO-6S-P Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Short lead time for samples: 1 week max.
logo
List of Unclassifed Man...
YM3433B ETC-YM3433B Datasheet
1Mb / 9P
   2 CHANNEL 8 TIMES OVERSAMPLING DIGITAL FILTER
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Sanyo Semicon Device
LC78840M SANYO-LC78840M Datasheet
229Kb / 11P
   Four-times or Eight-times Oversampling Digital Filter
logo
List of Unclassifed Man...
TC-240-NMH-X ETC1-TC-240-NMH-X Datasheet
57Kb / 1P
   TIMES MICTOWAVE SYSTEMS
logo
Continental Device Indi...
TO-220AC CDIL-TO-220AC Datasheet
379Kb / 6P
   TO-220AC (2 Lead) Leaded Plastic Package
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
   Fast response times
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com