전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si3050FMPPT-EVB 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 Si3050FMPPT-EVB
상세설명  Ability to read and write DAA registers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050FMPPT-EVB 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button Si3050FMPPT-EVB Datasheet HTML 5Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 6Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 7Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 8Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 9Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 10Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 11Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 12Page - Silicon Laboratories Si3050FMPPT-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Si3050-EVB
Rev. 1.1
9
Figure 4. Si3050PPT-EVB Evaluation Software in the Register Table Display View
5.4. Register Table Display View
The DAA Register view allows the Si3050 DAA
registers to be read or written. The user interface for the
DAA Register view is shown in Figure 4. Operation of
the front panel in the DAA Register view is detailed in
the following list:
Table: This table displays the contents of the Si3050
DAA registers in realtime.
DAA Reg Num: The Si3050 DAA register number to
write (in decimal).
DAA Reg Value: The contents to write to the register
selected by the DAA Reg Num control (in
hexadecimal).
Write DAA Regs: Causes the contents of the DAA
Reg Value control to be written to the DAA Reg Num
register.
Broadcast: Turns on the broadcast bit (SPI only).
FDT: Shows the status of FDT bit, which indicates
the Si3050 is communicating with the Si3019.
Off-Hook: Shows the status of the off-hook bit, DAA
Register 5, bit 1.
CIR Bits: Allows writing and reading of CIR bits.
(GCI only).


유사한 부품 번호 - Si3050FMPPT-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3050 SILABS-Si3050 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3050-E-FS SILABS-SI3050-E-FS Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

유사한 설명 - Si3050FMPPT-EVB

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
   Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
   Read/write head
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com