전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4362-C 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4362-C
상세설명  Remote control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362-C 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4362-C Datasheet HTML 6Page - Silicon Laboratories SI4362-C Datasheet HTML 7Page - Silicon Laboratories SI4362-C Datasheet HTML 8Page - Silicon Laboratories SI4362-C Datasheet HTML 9Page - Silicon Laboratories SI4362-C Datasheet HTML 10Page - Silicon Laboratories SI4362-C Datasheet HTML 11Page - Silicon Laboratories SI4362-C Datasheet HTML 12Page - Silicon Laboratories SI4362-C Datasheet HTML 13Page - Silicon Laboratories SI4362-C Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Si4362-C
10
Rev 1.0
Table 5. Digital IO Specifications (GPIO_x, SCLK, SDO, SDI, nSEL, nIRQ, SDN)1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Rise Time2,3
TRISE
0.1 x VDD to 0.9 x VDD,
CL =10pF,
DRV<1:0> = LL
—2.3
ns
Fall Time3,4
TFALL
0.9 x VDD to 0.1 x VDD,
CL =10pF,
DRV<1:0> = LL
—2
ns
Input Capacitance
CIN
—2
pF
Logic High Level Input Voltage
VIH
VDD x0.7
V
Logic Low Level Input Voltage
VIL
——
VDD x0.3
V
Input Current
IIN
0<VIN< VDD
–1
1
µA
Input Current If Pullup is Activated
IINP
VIL =0V
1
4
µA
Drive Strength for Output Low
Level
IOmaxLL
DRV[1:0] = LL3
—6.66
mA
IOmaxLH
DRV[1:0] = LH3
—5.03
mA
IOmaxHL
DRV[1:0] = HL3
—3.16
mA
IOmaxHH
DRV[1:0] = HH3
—1.13
mA
Drive Strength for Output High
Level
IOmaxLL
DRV[1:0] = LL3
—5.75
mA
IOmaxLH
DRV[1:0] = LH3
—4.37
mA
IOmaxHL
DRV[1:0] = HL3
—2.73
mA
IOmaxHH
DRV[1:0] = HH3
—0.96
mA
Drive Strength for Output High
Level for GPIO0
IOmaxLL
DRV[1:0] = LL3
—2.53
mA
IOmaxLH
DRV[1:0] = LH3
—2.21
mA
IOmaxHL
DRV[1:0] = HL3
—1.70
mA
IOmaxHH
DRV[1:0] = HH3
—0.80
mA
Logic High Level Output Voltage
VOH
DRV[1:0] = HL
VDD x0.8
V
Logic Low Level Output Voltage
VOL
DRV[1:0] = HL
VDD x0.2
V
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage
and from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise
stated.
2.
6.7 ns is typical for GPIO0 rise time.
3.
Assuming VDD = 3.3 V, drive strength is specified at Voh (min) = 2.64 V and Vol(max) = 0.66 V at room temperature.
4.
2.4 ns is typical for GPIO0 fall time.


유사한 부품 번호 - SI4362-C

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

유사한 설명 - SI4362-C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
   Remote-Control
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
   Remote control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com