전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4421 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI4421
상세설명  Fully integrated
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4421 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI4421 Datasheet HTML 4Page - Silicon Laboratories SI4421 Datasheet HTML 5Page - Silicon Laboratories SI4421 Datasheet HTML 6Page - Silicon Laboratories SI4421 Datasheet HTML 7Page - Silicon Laboratories SI4421 Datasheet HTML 8Page - Silicon Laboratories SI4421 Datasheet HTML 9Page - Silicon Laboratories SI4421 Datasheet HTML 10Page - Silicon Laboratories SI4421 Datasheet HTML 11Page - Silicon Laboratories SI4421 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Si4421
8
Typical Application
Typical application with FIFO usage
C3
C2
10n
X1
10MHz
C1
2.2u
Si4421
1
3
4
2
5
7
6
8
9
10
11
12
13
14
15
16
VDD
SCK
SDO
nIRQ
P4
P3
P1
P2
SDI
CLKin
nSEL
nFFS
FFIT
nRES
PCB
Antenna
P5
P6
P7
nRESin
C4
2.2n
P0
CLK
(optional)*
TP
(optional)
(optional)*
(optional)
(opt.)
(optional)
VDI
Note: * Connections needed only in time critical applications
Recommended supply decoupling capacitor values
C2 and C3 should be 0603 size ceramic capacitors to achieve the best supply decoupling.
Band [MHz]
C1
C2
C3
433
2.2µF
10nF
220pF
868
2.2µF
10nF
47pF
915
2.2µF
10nF
33pF
Property
C1
C2
C3
SMD size
A
0603
0603
Dielectric
Tantalum
Ceramic
Ceramic
Pin Function vs. Operation Mode
Mode
Bit setting
Function
Pin 6
Pin 7
Transmit
el = 0
Internal TX data register disabled
TX data input
Not used
el = 1
Internal TX data register enabled
nFFS input
(TX data register can be accessed)
Receive
ef = 0
Receiver FIFO disabled
RX data output
RX data clock
output
ef = 1
Receiver FIFO disabled
nFFS input
(RX data FIFO can be accessed)
FFIT output
The el and ef bits can be found in the Configuration Setting Command on page 16. Bit el enables the internal TX data register.
Bit ef enables the FIFO mode.


유사한 부품 번호 - SI4421

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4421DY VISHAY-SI4421DY Datasheet
41Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 17-Feb-03
logo
VBsemi Electronics Co.,...
SI4421DY-T1-E3 VBSEMI-SI4421DY-T1-E3 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4421DY VISHAY-SI4421DY_V01 Datasheet
172Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4421

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147 Datasheet
400Kb / 19P
   Fully integrated PLL
ICS87974I IDT-ICS87974I Datasheet
167Kb / 16P
   Fully integrated PLL
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
   Fully integrated DECT transceiver
2001 Sep 06
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
logo
NXP Semiconductors
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
logo
M/A-COM Technology Solu...
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
logo
Infineon Technologies A...
TDA5100 INFINEON-TDA5100 Datasheet
817Kb / 39P
   fully integrated frequency synthesizer
Version 2.1 June 2001
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com