전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145402L 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC145402L
상세설명  Serial 13-Bit Linear Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145402L 데이터시트(HTML) 1 Page - Motorola, Inc

  MC145402L Datasheet HTML 1Page - Motorola, Inc MC145402L Datasheet HTML 2Page - Motorola, Inc MC145402L Datasheet HTML 3Page - Motorola, Inc MC145402L Datasheet HTML 4Page - Motorola, Inc MC145402L Datasheet HTML 5Page - Motorola, Inc MC145402L Datasheet HTML 6Page - Motorola, Inc MC145402L Datasheet HTML 7Page - Motorola, Inc MC145402L Datasheet HTML 8Page - Motorola, Inc MC145402L Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MC145402
MOTOROLA
1
Advance Information
Serial 13-Bit Linear Codec
(A/D and D/A)
The MC145402 is a 13–bit linear monotonic digital–to–analog and analog–
to–digital converter implemented in a single silicon–gate CMOS IC. Potential
applications include analog interface for Digital Signal Processor (DSP)
applications, high speed modems, telephone systems, SONAR, Adaptive
Differential Pulse Code Modulation (ADPCM) converters, echo cancellers,
repeaters, voice synthesizers, and music synthesizers.
• 60 dB Signal–to–(Noise Plus Distortion) Ratio Typical
• On–Chip Precision Voltage Reference
• Serial Data Ports
• Two’s Complement Coding
•± 5 V Supply Operation
• Sample Rates from 100 Hz to 16 kHz (Both A/D and D/A), 100 Hz to
21.3 kHz (A/D Only), and 100 Hz to 64 kHz (D/A Only)
• Input Sample and Hold Provided On–Chip
• 5 V CMOS Inputs; Outputs Capable of Driving Two LSTTL Loads
• Available in a 16–Pin DIP
• Low Power Consumption: 50 mW Typical, 1 mW Power–Down
BLOCK DIAGRAM
BANDGAP VOLTAGE
REFERENCE
SAMPLE
AND HOLD
D/A
CONVERTER
DATA
SELECTOR
RECEIVE
LATCH
RECEIVE
SHIFT
REGISTER
15
RDD
13
14
RDC
RCE
2
3
Aout
Ain
7
10
12
11
TDF
TDE
TDC
TDD
65
4
16
8
1
9
VDD VSS
VAG
VDG
MSI CCI PDI
SEQUENCE
CONTROLLER
SAMPLE
AND HOLD
COMPARATOR/
OP AMP
SUCCESSIVE
APPROXIMATION
REGISTER
TRANSMIT
LATCH
TRANSMIT
SHIFT
REGISTER
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MC145402/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145402
L SUFFIX
CERAMIC PACKAGE
CASE 620
ORDERING INFORMATION
MC145402L
Ceramic Package
16
1
16
15
14
13
12
11
10
9
VAG
Aout
Ain
PDI
CCI
MSI
TDF
VSS
VDD
RDD
RCE
RDC
TDC
TDE
VDG
TDD
1
2
3
4
5
6
7
8
© Motorola, Inc. 1995


유사한 부품 번호 - MC145402L

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145403 MOTOROLA-MC145403 Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403-6P LANSDALE-MC145403-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403DW MOTOROLA-MC145403DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403DW LANSDALE-MC145403DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403P MOTOROLA-MC145403P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

유사한 설명 - MC145402L

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com