전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145402L 데이터시트(PDF) 11 Page - Motorola, Inc

부품명 MC145402L
상세설명  Serial 13-Bit Linear Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145402L 데이터시트(HTML) 11 Page - Motorola, Inc

Back Button MC145402L Datasheet HTML 7Page - Motorola, Inc MC145402L Datasheet HTML 8Page - Motorola, Inc MC145402L Datasheet HTML 9Page - Motorola, Inc MC145402L Datasheet HTML 10Page - Motorola, Inc MC145402L Datasheet HTML 11Page - Motorola, Inc MC145402L Datasheet HTML 12Page - Motorola, Inc MC145402L Datasheet HTML 13Page - Motorola, Inc MC145402L Datasheet HTML 14Page - Motorola, Inc MC145402L Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC145402
MOTOROLA
11
(1020 Hz REFERENCED TO 600
INPUT LEVEL (dBm0)
Ω)
80
70
60
50
40
30
20
10
0
– 60
– 50
– 40
– 30
– 20
– 10
0
10
13–BIT
12–BIT
11–BIT
10–BIT
9–BIT
f MSI/2
COMPARED TO 9–13 BIT IDEAL A/D; MSI = 8 kHz;
MEASURED THROUGH A LOW–PASS FILTER
WITH A BANDWIDTH OF
Figure 4. MC145402 Encoder (A/D) Signal to Noise Plus Distortion Ratio
(1020 Hz REFERENCED TO 600
INPUT LEVEL (dBm0)
Ω)
80
70
60
50
40
30
20
10
0
– 60
– 50
– 40
– 30
– 20
– 10
0
10
13–BIT
12–BIT
11–BIT
10–BIT
9–BIT
f MSI/2
COMPARED TO 9–13 BIT IDEAL D/A; MSI = 8 kHz;
MEASURED THROUGH A LOW–PASS FILTER
WITH A BANDWIDTH OF
Figure 5. MC145402 Decoder (D/A) Signal to Noise Plus Distortion Ratio


유사한 부품 번호 - MC145402L

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145403 MOTOROLA-MC145403 Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403-6P LANSDALE-MC145403-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403DW MOTOROLA-MC145403DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403DW LANSDALE-MC145403DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403P MOTOROLA-MC145403P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

유사한 설명 - MC145402L

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com