전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145425P 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 MC145425P
상세설명  ISDN Universal Digital Loop Transceivers II
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145425P 데이터시트(HTML) 4 Page - Motorola, Inc

  MC145425P Datasheet HTML 1Page - Motorola, Inc MC145425P Datasheet HTML 2Page - Motorola, Inc MC145425P Datasheet HTML 3Page - Motorola, Inc MC145425P Datasheet HTML 4Page - Motorola, Inc MC145425P Datasheet HTML 5Page - Motorola, Inc MC145425P Datasheet HTML 6Page - Motorola, Inc MC145425P Datasheet HTML 7Page - Motorola, Inc MC145425P Datasheet HTML 8Page - Motorola, Inc MC145425P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC145421
•MC145425
MOTOROLA
4
ABSOLUTE MAXIMUM RATINGS (Voltage Referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD – VSS
– 0.5 to 6.5
V
Voltage Any Pin to VSS
V
– 0.5 to VDD + 0.5
V
DC Current, Any Pin (Excluding VDD,
VSS)
I
± 10
mA
Operating Temperature
TA
– 40 to + 85
°C
Storage Temperature
Tstg
– 85 to + 150
°C
RECOMMENDED OPERATING CONDITIONS (TA = – 40 to + 85°C)
Parameter
Pins
Min
Typ
Max
Unit
DC Supply Voltage
VDD
4.5
5.0
5.5
V
Frame Rate MC145421 (See Note)
MSI
8.0
kHz
MC145421/25 Frame Slip Rate (See Note)
0.25
%
CCI Clock Frequency
8.192
8.29
MHz
TDC/RDC Data Clocks (for Master)
0.128
4.1
MHz
DCLK
0.016
4.1
MHz
Modulation Baud Rate (CCI/16)
LO1, LO2
512
kHz
NOTE: The slave’s crystal frequency divided by 1024 must equal the master’s MSI frequency
± 0.25% for optimum operation. Also, the
8.192 MHz input at the master divided by 1024 must be within 0.048% of the master’s 8 kHz MSI clock frequency.
DIGITAL CHARACTERISTICS (VDD = 5 V, TA = – 40 to + 85°C)
Parameter
Min
Max
Unit
Input High Level
3.5
V
Input Low Level
1.5
V
Input Current, VDD
15
mA
Input Current (Digital Pins)
5
µA
Input Capacitance
10
pF
Output High Current (Except Tx on Master and Slave, and PD on the Slave)
VOH = 2.5
VOH = 4.6
– 1.7
– 0.36
mA
Tx Output High Current
VOH = 2.5
VOH = 4.6
– 3.4
– 0.7
mA
PD (Slave) Output High Current (See Note)
VOH = 2.5
– 90
µA
Output Low Current (Except Tx on Master and Slave, and PD on Slave)
VOL = 0.4
VOL = 0.8
0.36
0.8
mA
Tx Output Low Current
VOL = 0.4
VOL = 0.8
1.7
3.5
mA
PD (Slave) Output Low Current (See Note)
VOL = 0.4
30
60
µA
Tx Three–State Impedance
100
k
XTL Output High Current
VOH = 4.6
– 450
µA
XTL Output Low Current
VOH = 0.4
450
µA
NOTE: To overdrive PD from a low level to 3.5 V, or a high level to 1.5 V requires a minimum of
± 800 µA drive capability.
ANALOG CHARACTERISTICS (VDD = 5 V, TA = 0 to 70°C)
Parameter
Min
Max
Unit
Modulation Differential Amplitude RL = 880
Ω (LO1 – LO2)
4.6
Vpeak
Modulation Differential DC Offset
40
mV
Vref Voltage (Typically 9/20 S (VDD – VSS))
2.0
2.5
V
PCM Tone Level
– 22
– 18
dBm
Demodulator Input Amplitude
50
mVpeak
Demodulator Input Impedance (LI to Vref)
75
300
k
This device contains circuitry to protect the
inputs against damage due to high static
voltages or electric fields; however, it is
advised that normal precautions be taken to
avoid applications of any voltage higher than
maximum rated voltages to this high imped-
ance circuit. For proper operation it is recom-
mended that Vin and Vout be constrained to
the range VSS ≤ (Vin or Vout) ≤ VDD. Reliability
of operation is enhanced if unused inputs are
tied to an appropriate logic voltage level (e.g.,
either VSS or VDD).


유사한 부품 번호 - MC145425P

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145422 MOTOROLA-MC145422 Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
MC145422DW MOTOROLA-MC145422DW Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
MC145422P MOTOROLA-MC145422P Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
logo
NXP Semiconductors
MC145423 NXP-MC145423 Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Freescale Semiconductor...
MC145423DT FREESCALE-MC145423DT Datasheet
4Mb / 30P
   Universal Digital Loop Transceiver (UDLT-3)
More results

유사한 설명 - MC145425P

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145422 MOTOROLA-MC145422 Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
logo
Freescale Semiconductor...
MC145423E FREESCALE-MC145423E Datasheet
4Mb / 30P
   Universal Digital Loop Transceiver (UDLT-3)
logo
NXP Semiconductors
MC145423EVK NXP-MC145423EVK Datasheet
759Kb / 40P
   Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
logo
Renesas Technology Corp
HSP50210 RENESAS-HSP50210 Datasheet
1Mb / 51P
   Digital Costas Loop
logo
Intersil Corporation
HSP50210 INTERSIL-HSP50210 Datasheet
788Kb / 51P
   Digital Costas Loop
logo
Texas Instruments
TUSB1105 TI-TUSB1105 Datasheet
894Kb / 30P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106-Q1 TI1-TUSB1106-Q1 Datasheet
594Kb / 24P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
TUSB1106 TI-TUSB1106_10 Datasheet
1Mb / 34P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
logo
NXP Semiconductors
ISP1105 PHILIPS-ISP1105 Datasheet
588Kb / 24P
   Advanced Universal Serial Bus transceivers
Rev. 06-30 November 2001
logo
Texas Instruments
TUSB1105 TI-TUSB1105_10 Datasheet
1Mb / 33P
[Old version datasheet]   ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com