전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145444DW 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 MC145444DW
상세설명  Single-Chip 300-Baud Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145444DW 데이터시트(HTML) 5 Page - Motorola, Inc

  MC145444DW Datasheet HTML 1Page - Motorola, Inc MC145444DW Datasheet HTML 2Page - Motorola, Inc MC145444DW Datasheet HTML 3Page - Motorola, Inc MC145444DW Datasheet HTML 4Page - Motorola, Inc MC145444DW Datasheet HTML 5Page - Motorola, Inc MC145444DW Datasheet HTML 6Page - Motorola, Inc MC145444DW Datasheet HTML 7Page - Motorola, Inc MC145444DW Datasheet HTML 8Page - Motorola, Inc MC145444DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC145444
MOTOROLA
5
Figure 1. Out–of–Band Energy
Figure 2. Switching Characteristics
– 55
– 15 dB/OCT.
f (Hz)
256 k
16 k
4 k
3.4 k
0
0
– 25
50%
50%
DATA
SCK
ENB
ENB
50%
50%
50%
PREVIOUS
DATA LATCHED
LAST
CLK
FIRST
CLK
tsu
th
tr
tf
tsu
trec
— VCC
— GND
— VCC
— GND
— VCC
— GND
— VCC
— GND
PIN DESCRIPTION
VCC
Positive Power Supply (Pin 15)
This pin is normally tied to the + 5.0 V. A 0.1
µF decoupling
capacitor should be used.
GND
Ground Pin (Pin 5)
This pin is normally tied to 0 V.
GNDA
Analog Ground (Pin 3)
Analog ground is internally biased to (VCC – VSS) / 2. It
should be tied to ground through a 0.1
µF and 100 µF
capacitor.
X1
Crystal Oscillator Output (Pin 7)
Connecting a 3.579545 MHz
± 0.1% crystal between X1
and X2 will cause the transmit frequencies to be within
± 64 MHz of nominal. X1 is capable of driving several CMOS
gates. An external clock may be applied to X2. X1 should
then be left open.
X2
Crystal Oscillator Input (Pin 8)
Refer to X1.
SCK
Shift Resister Clock Input (Pin 13)
This pin is the clock input for the 15–bit shift register. Serial
data is loaded into the shift register on the rising edge of this
clock.
DATA
Serial Data Input (Pin 12)
This pin is the 15–bit serial data input. This data deter-
mines the mode, DTMF signal, transmit attenuation, carrier
detect time, channel, and transmit squelch.
ENB
Enable Input (Pin 14)
Data is loaded into the 15–bit shift register when this pin is
at a logic low. When this pin transitions from a logic high to
low, the data is transferred to the internal latch on the falling
edge of ENB. New data loaded into the shift register will not
affect the device operation until this pin transitions from high
to low. (See Figure 2.)
TxD
Transmit Data Input (Pin 11)
This pin is the transmit data input, The mark frequency is
generated when this pin is at the logic high level. The space
frequency is generated when the pin is at a logic low.
RxD
Receive Data Output (Pin 10)
This pin is the receive data output. A high logic level of this
pin indicates that the mark carrier frequency has been re-
ceived, and a low logic level indicates the space carrier fre-
quency has been received.
SD
Carrier/Call Progress Tone Detect (Pin 9)
This pin is the output from the carrier detector or call prog-
ress tone detector. This pin works as a carrier detector in the
FSK mode and as the call progress tone detector in the
CPTD mode. The output goes to a logic low level when the
input signal reaches the minimum threshold of the detect
level that is adjusted by the CDA voltage. When SD = H, the
receive data output (RxD) is clamped high to avoid errors
that may occur with loop noise. The SD pin is also clamped
high in the other modes except during the power–down
mode.
TxA1
Non–Inverting Transmit Analog Carrier Output (Pin 18)
This pin is the line driver non–inverting output of the FSK
and tone transmit analog signals. A + 6 dBm (max) differen-
tial output voltage can be obtained by connecting a 1.2 k
load resistor between Tx1 and Tx2. Attention must be set so
as not to exceed this level when an external input is added
to the DSI pin. A telephone line (600
Ω) is driven through an
external 600
Ω resistor. In this case, the output level be-
comes about half of differential output.


유사한 부품 번호 - MC145444DW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442BDW MOTOROLA-MC145442BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145442BDW LANSDALE-MC145442BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145442BDW LANSDALE-MC145442BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

유사한 설명 - MC145444DW

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com