전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5344H 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 Si5344H
상세설명  HIGH-FREQUENCY,
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5344H 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button Si5344H Datasheet HTML 6Page - Silicon Laboratories Si5344H Datasheet HTML 7Page - Silicon Laboratories Si5344H Datasheet HTML 8Page - Silicon Laboratories Si5344H Datasheet HTML 9Page - Silicon Laboratories Si5344H Datasheet HTML 10Page - Silicon Laboratories Si5344H Datasheet HTML 11Page - Silicon Laboratories Si5344H Datasheet HTML 12Page - Silicon Laboratories Si5344H Datasheet HTML 13Page - Silicon Laboratories Si5344H Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Si5344H/42H
10
Rev. 1.0
Differential Output
Impedance4
ZO
—100
Power Supply Noise
Rejection5
PSRR
10 kHz sinusoidal noise
–101
dBc
100 kHz sinusoidal noise
–96
500 kHz sinusoidal noise
–99
1 MHz sinusoidal noise
–97
Output-output Cross-
talk
XTALK
Measured spur from adjacent
output6
—–88
dBc
Table 5. Differential Clock Output Specifications (Continued)
(VDD = 1.8 V ±5%, VDDA = 3.3V ±5%, VDDO = 1.8 V ±5%, 2.5 V ±5%, or 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note:
1. For normal mode, the amplitude and common-mode settings are programmable through register settings and can be stored in
NVM. Each output driver can be programmed independently. The typical LVDS maximum is 100 mV (or 80 mV) higher than
the TIA/EIA-644 maximum. When in LVPECL mode and fOUT>717.5 MHz note VOUT may not meet standard LVPECL levels,
but provides the greatest output voltage swing. Also note that the output voltage swing specifications are given in peak-to-
peak single-ended swing.
2. Max frequency using MultiSynth outputs is determined by the VCO frequency. Please use ClockBuilder Pro to determine the
maximum output frequency for any given frequency plan.
3. High-speed outputs indicates no multiSynth is used (i.e., not fractional synthesis).
4. Not all combinations of voltage swing and common mode voltages settings are possible. See the reference manual for details.
5. Measured for 156.25 MHz carrier frequency. 100 mVpp sinewave noise added to VDDO = 3.3 V and noise spur amplitude
measured.
6. Measured across two adjacent outputs, both in LVDS mode, with the victim running at 155.52 MHz and the aggressor at
156.25 MHz. Refer to “AN862: Optimizing Si534x Jitter Performance in Next Generation Internet Infrastructure Systems” for
guidance on crosstalk optimization. Note that all active outputs must be terminated when measuring crosstalk.
OUTx
OUTx
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm


유사한 부품 번호 - Si5344H

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5344H SKYWORKS-SI5344H Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
SI5344H-D-GM SKYWORKS-SI5344H-D-GM Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
More results

유사한 설명 - Si5344H

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
431115300245 YAGEO-431115300245 Datasheet
183Kb / 13P
   HIGH FREQUENCY
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com