전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si4460 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 Si4460
상세설명  HIGH-PERFORMANCE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4460 데이터시트(HTML) 4 Page - Silicon Laboratories

  Si4460 Datasheet HTML 1Page - Silicon Laboratories Si4460 Datasheet HTML 2Page - Silicon Laboratories Si4460 Datasheet HTML 3Page - Silicon Laboratories Si4460 Datasheet HTML 4Page - Silicon Laboratories Si4460 Datasheet HTML 5Page - Silicon Laboratories Si4460 Datasheet HTML 6Page - Silicon Laboratories Si4460 Datasheet HTML 7Page - Silicon Laboratories Si4460 Datasheet HTML 8Page - Silicon Laboratories Si4460 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Si4464/63/61/60
4
Rev 1.2
1. Electrical Specifications
Table 1. DC Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
VDD
1.8
3.3
3.6
V
Power Saving Modes IShutdown
RC Oscillator, Main Digital Regulator,
and Low Power Digital Regulator OFF
—30—
nA
IStandby
Register values maintained and RC
oscillator/WUT OFF
—50—
nA
ISleepRC RC Oscillator/WUT ON and all register values main-
tained, and all other blocks OFF
—900
nA
ISleepXO
Sleep current using an external 32 kHz crystal.2
—1.7
µA
ISensor
-LBD
Low battery detector ON, register values maintained,
and all other blocks OFF
—1—
µA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF
—1.8
mA
TUNE Mode Current
ITune_RX
RX Tune, High Performance Mode
7.2
mA
ITune_TX
TX Tune, High Performance Mode
8
mA
RX Mode Current
IRXH
High Performance Mode
13.7
mA
IRXL
Low Power Mode2
—10.7—
mA
TX Mode Current
(Si4464/63)
ITX_+20
+20 dBm output power, class-E match, 915 MHz,
3.3 V
—85—
mA
+20 dBm output power, class-E match, 460 MHz,
3.3 V
—75—
mA
+20 dBm output power, square-wave match,
169 MHz, 3.3 V
—70—
mA
TX Mode Current
(Si4461)
ITX_+16
+16 dBm output power, class-E match, 868 MHz,
3.3 V2
—43—
mA
ITX_+14
+14 dBm output power, Switched-current match,
868 MHz, 3.3 V2
—37—
mA
ITX_+13
+13 dBm output power, switched-current match,
868 MHz, 3.3 V2
—29—
mA
TX Mode Current
(Si4460)
ITX_+10
+10 dBm output power, Class-E match, 868 MHz,
3.3 V2
—18—
mA
Notes:
1.
All specifications guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section of "1.1. Definition of Test Conditions" on page 14.
2.
Guaranteed by qualification. Qualification test conditions are listed in the “Qualification Test Conditions” section in "1.1.
Definition of Test Conditions" on page 14.


유사한 부품 번호 - Si4460

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI4460 ETC2-SI4460 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4460 ETC2-SI4460 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4460 SILABS-Si4460 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4460 SILABS-SI4460 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
Si4460-B1B-FM SILABS-Si4460-B1B-FM Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
More results

유사한 설명 - Si4460

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com