전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si7034-A10-IM 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 Si7034-A10-IM
상세설명  Mobile smartphones and tablets
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7034-A10-IM 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button Si7034-A10-IM Datasheet HTML 7Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 8Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 9Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 10Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 11Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 12Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 13Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 14Page - Silicon Laboratories Si7034-A10-IM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Si7034-A10
Rev. 1.0
11
3. Bill of Materials
Table 8. Typical Application Circuit BOM for Relative Humidity and Temperature Measurement
Reference
Description
Mfr Part Number
Manufacturer
R1
Resistor, 10 k
, ±5%, 1/16W, 0402
CR0402-16W-103JT
Venkel
R2
Resistor, 10 k
, ±5%, 1/16W, 0402
CR0402-16W-103JT
Venkel
C1
Capacitor, 0.1 µF, 6.3 V, X7R, 0402
C0402X7R6R3-104MNP
Venkel
U1
IC, Digital Temperature/humidity Sensor
Si7034-A10-IM
Silicon Labs


유사한 부품 번호 - Si7034-A10-IM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
More results

유사한 설명 - Si7034-A10-IM

제조업체부품명데이터시트상세설명
logo
Kingston Technology Far...
DTDUO3G2 KINGSTON-DTDUO3G2 Datasheet
172Kb / 2P
   Expanded storage for tablets and smartphones
logo
IOGEAR
GSTYA100 IOGEAR-GSTYA100 Datasheet
147Kb / 3P
   PenScript??Active Stylus for Smartphones and Tablets
GSTY103 IOGEAR-GSTY103 Datasheet
141Kb / 2P
   Touch Point Stylus for Tablets and Smartphones
GSTY200 IOGEAR-GSTY200 Datasheet
126Kb / 2P
   Accu-Tip Stylus for Tablets and Smartphones
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
   Dual Output LCD Bias for Smartphones and Tablets
logo
OmniVision Technologies...
OV2281 OMNIVISION-OV2281 Datasheet
676Kb / 2P
   Biometric Security for Next-Generation Smartphones, Tablets, and Notebooks
logo
Shenzhen Huazhimei Semi...
HM103D HMSEMI-HM103D Datasheet
954Kb / 11P
   Chargers for smartphones, tablets, netbooks, digital cameras and Bluetooth accessories
logo
OmniVision Technologies...
OV2686 OMNIVISION-OV2686 Datasheet
4Mb / 2P
   Cost-Effective, Low-Power 2-Megapixel Sensors for Feature Phones, Smartphones and Tablets
OV2685 OMNIVISION-OV2685 Datasheet
1Mb / 2P
   Cost-Effective, Low-Power 2-Megapixel Sensors for Feature Phones, Smartphones and Tablets
OV5693 OMNIVISION-OV5693 Datasheet
2Mb / 2P
   High-Performance 5-Megapixel Image Sensor for Front-Facing Cameras in Flagship Smartphones and Tablets
Version 1.1, October, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com