전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si7051 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 Si7051
상세설명  Thermostats
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7051 데이터시트(HTML) 5 Page - Silicon Laboratories

  Si7051 Datasheet HTML 1Page - Silicon Laboratories Si7051 Datasheet HTML 2Page - Silicon Laboratories Si7051 Datasheet HTML 3Page - Silicon Laboratories Si7051 Datasheet HTML 4Page - Silicon Laboratories Si7051 Datasheet HTML 5Page - Silicon Laboratories Si7051 Datasheet HTML 6Page - Silicon Laboratories Si7051 Datasheet HTML 7Page - Silicon Laboratories Si7051 Datasheet HTML 8Page - Silicon Laboratories Si7051 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Si7050/1/3/4/5-A20
Rev. 1.14
5
Table 3. I2C Interface Specifications1
1.9
 VDD  3.6 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-
high transition
0.05 x VDD
——
V
SCLK Frequency2
fSCL
400
kHz
SCL High Time
tSKH
0.6
µs
SCL Low Time
tSKL
1.3
µs
Start Hold Time
tSTH
0.6
µs
Start Setup Time
tSTS
0.6
µs
Stop Setup Time
tSPS
0.6
µs
Bus Free Time
tBUF
Between Stop and Start
1.3
µs
SDA Setup Time
tDS
100
ns
SDA Hold Time
tDH
100
ns
SDA Valid Time
tVD;DAT From SCL low to data valid
0.9
µs
SDA Acknowledge Valid Time
tVD;ACK From SCL low to data valid
0.9
µs
Suppressed Pulse Width3
tSPS
50
ns
Notes:
1.
All values are referenced to VIL and/or VIH.
2.
Depending on the conversion command, the Si705x may hold the master during the conversion (clock stretch). At
above 100 kHz SCL, the Si705x may also hold the master briefly for user register and device ID transactions. At the
highest I2C speed of 400 kHz the stretching will be <10 µs.
3.
Pulses up to and including 50 ns will be suppressed.


유사한 부품 번호 - Si7051

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si7051-A20-IM SILABS-Si7051-A20-IM Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7051-A20-IM SILABS-SI7051-A20-IM Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7051-A20-IMR SILABS-Si7051-A20-IMR Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7051-A20-IMR SILABS-SI7051-A20-IMR Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
More results

유사한 설명 - Si7051

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com