전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si7055 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si7055
상세설명  Thermostats
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7055 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si7055 Datasheet HTML 3Page - Silicon Laboratories Si7055 Datasheet HTML 4Page - Silicon Laboratories Si7055 Datasheet HTML 5Page - Silicon Laboratories Si7055 Datasheet HTML 6Page - Silicon Laboratories Si7055 Datasheet HTML 7Page - Silicon Laboratories Si7055 Datasheet HTML 8Page - Silicon Laboratories Si7055 Datasheet HTML 9Page - Silicon Laboratories Si7055 Datasheet HTML 10Page - Silicon Laboratories Si7055 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Si7050/1/3/4/5-A20
Rev. 1.14
7
Table 4. Temperature Sensor
1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +125 °C default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Range
–40
+125
°C
Accuracy1
Si7051
±0.12
°C
Si7053
±0.2
±0.3
°C
Si7054
±0.3
±0.4
°C
Si7055
±0.4
±0.5
°C
Si7050
±0.5
±1.0
°C
Repeatability/Noise
14-bit resolution
0.01
°C RMS
13-bit resolution
0.02
12-bit resolution
0.04
11-bit resolution
0.08
Response Time3
τ63%
Unmounted device
0.7
s
Si705x-EB board
5.1
s
Long Term Stability
0.01
°C/Yr
Notes:
1.
14b measurement resolution (default). Values apply to the full operating temperature and voltage range of the device.
2.
±0.1 °C: +35.8 °C to 41 °C; ±0.13 °C: 20.0 °C to 70.0 °C; ±0.25 °C: –40 °C to +125 °C.
3.
Time to reach 63% of final value in response to a step change in temperature. Actual response time will vary
dependent on system thermal mass and air-flow.


유사한 부품 번호 - Si7055

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7055-A20 SILABS-SI7055-A20 Datasheet
361Kb / 26P
   IC TEMPERATURE SENSORS
Si7055-A20-IM SILABS-Si7055-A20-IM Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7055-A20-IM SILABS-SI7055-A20-IM Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
Si7055-A20-IMR SILABS-Si7055-A20-IMR Datasheet
115Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
SI7055-A20-IMR SILABS-SI7055-A20-IMR Datasheet
588Kb / 26P
   2C TEMPERATURE SENSORS
Rev. 1.15 9/18
More results

유사한 설명 - Si7055

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com